Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1474S Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1474S
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474S Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1474S Datasheet HTML 3Page - Monolithic Power Systems MP1474S Datasheet HTML 4Page - Monolithic Power Systems MP1474S Datasheet HTML 5Page - Monolithic Power Systems MP1474S Datasheet HTML 6Page - Monolithic Power Systems MP1474S Datasheet HTML 7Page - Monolithic Power Systems MP1474S Datasheet HTML 8Page - Monolithic Power Systems MP1474S Datasheet HTML 9Page - Monolithic Power Systems MP1474S Datasheet HTML 10Page - Monolithic Power Systems MP1474S Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MP1474S – HIGH-EFFICIENCY, 2A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1474S Rev.1.0
www.MonolithicPower.com
7
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12V, VOUT = 3.3V, L=5.5μH, TA = 25°C, unless otherwise noted.
VEN
5V/div.
VSW
10V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VIN
5V/div.
VSW
5V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VIN
5V/div.
VSW
5V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VIN
5V/div.
VSW
5V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VEN
5V/div.
VSW
10V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VEN
5V/div.
VSW
10V/div.
VOUT
2V/div.
VPG
5V/div.
IINDUCTOR
2A/div.
VOUT
2V/div.
VPG
5V/div.
VSW
10V/div.
VIN
10V/div.
IINDUCTOR
5A/div.
VOUT
2V/div.
VPG
5V/div.
VSW
10V/div.
VIN
10V/div.
IINDUCTOR
5A/div.
VOUT
2V/div.
VPG
5V/div.
VSW
10V/div.
VEN
5V/div.
IINDUCTOR
2A/div.


Similar Part No. - MP1474S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1474 MPS-MP1474 Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474DJ MPS-MP1474DJ Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Similar Description - MP1474S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474 MPS-MP1474 Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com