Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1472 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1472
Description  2A, 18V Synchronous Rectified Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1472 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1472 Datasheet HTML 2Page - Monolithic Power Systems MP1472 Datasheet HTML 3Page - Monolithic Power Systems MP1472 Datasheet HTML 4Page - Monolithic Power Systems MP1472 Datasheet HTML 5Page - Monolithic Power Systems MP1472 Datasheet HTML 6Page - Monolithic Power Systems MP1472 Datasheet HTML 7Page - Monolithic Power Systems MP1472 Datasheet HTML 8Page - Monolithic Power Systems MP1472 Datasheet HTML 9Page - Monolithic Power Systems MP1472 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP1472 – 2A, 18V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP1472 Rev. 1.0
www.MonolithicPower.com
6
9/2/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
FUNCTIONAL DESCRIPTION
The MP1472 is a synchronous rectified,
current-mode, step-down regulator. It regulates
input voltages from 4.75V to 18V down to an
output voltage as low as 0.923V, and supplies
up to 2A of load current.
The MP1472 uses current-mode control to
regulate the output voltage. The output voltage
is measured at FB through a resistive voltage
divider and amplified through the internal
transconductance error amplifier. The voltage at
the COMP pin is compared to the switch current
measured internally to control the output
voltage.
The
converter
uses
internal
N-Channel
MOSFET switches to step-down the input
voltage to the regulated output voltage. Since
the high side MOSFET requires a gate voltage
greater than the input voltage, a boost capacitor
connected between SW and BS is needed to
drive the high side gate. The boost capacitor is
charged from the internal 5V rail when SW is low.
When the MP1472 FB pin exceeds 20% of the
nominal regulation voltage of 0.923V, the over
voltage comparator is tripped and the COMP
pin and the SS pin are discharged to GND,
forcing the high-side switch off.
LOCKOUT
COMPARATOR
INTERNAL
REGULATORS
IN
EN
+
ERROR
AMPLIFIER
1.2V
OVP
RAMP
CLK
0.923V
0.3V
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
1.1V
SHUTDOWN
COMPARATOR
COMP
SS
FB
GND
OSCILLATOR
340kHz
S
R
Q
SW
0.115
0.175
BS
IN
VIN
5V
OVP
IN < 3.8V
EN OK
+
Q
+
+
1.5V
+
+
2.5V
+
+
--
--
--
--
--
--
--
VOUT
VOUT
Figure 1—Functional Block Diagram


Similar Part No. - MP1472

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP147 CTS-MP147 Datasheet
133Kb / 5P
   Quartz Crystal
logo
Monolithic Power System...
MP1470 MPS-MP1470 Datasheet
459Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470BGJ MPS-MP1470BGJ Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470GJ MPS-MP1470GJ Datasheet
459Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
More results

Similar Description - MP1472

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
   2A, 18V Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
   2A, 18V Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482A UTC-P1482A Datasheet
336Kb / 5P
   2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
E-CMOS Corporation
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
   18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
Monolithic Power System...
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
   2A, 23V Synchronous Rectified Step-Down Converter
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
   2A, 23V, Synchronous-Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP29296 MPS-MP29296 Datasheet
301Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com