Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCHP54NF Datasheet(PDF) 1 Page - Allied Components International

Part # PCHP54NF
Description  SMD SHIELDED POWER CHIP INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHP54NF Datasheet(HTML) 1 Page - Allied Components International

  PCHP54NF Datasheet HTML 1Page - Allied Components International PCHP54NF Datasheet HTML 2Page - Allied Components International PCHP54NF Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD SHIELDED POWER CHIP INDUCTOR
15
DCR
(mΩ)
±20%
Allied
Part
Number
Inductance
(µH)
Tolerance
(%)*
Test
Freq.
(KHz @1V)
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
04/11/2017
*Insert letter for desired tolerance: M=20%, L=15%, K=10%
All specifications subject to change without notice.
Irms
(A)
Max
PCHP54NF-1R0M-RC
PCHP54NF-1R5M-RC
PCHP54NF-2R2M-RC
PCHP54NF-3R3M-RC
PCHP54NF-4R7M-RC
PCHP54NF-6R8M-RC
PCHP54NF-100M-RC
PCHP54NF-150_*-RC
PCHP54NF-220_*-RC
PCHP54NF-330_*-RC
PCHP54NF-470_*-RC
PCHP54NF-680_*-RC
PCHP54NF-101_*-RC
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
100
100
100
100
100
100
100
100
100
100
100
100
100
5.00
4.50
3.80
3.50
3.20
2.50
2.20
1.80
1.50
1.20
1.00
0.80
0.72
12
15
21
24
32
43
56
80
123
180
270
400
560
Features
• Magnetically Shielded
• High Current
• Low DC Resistance
Electrical
Test Equipment
Physical
Packaging: 1500 per 13” Reel
Resistance to Soldering Heat
(L): Agilent 4284A, CH11025, CH3302, CH1320,
CH1320S LCR Meter
(DCR): CH502BC Micro-oHmmeter
Marking: EIA Code
PCHP54NF
Isat
(A)
Max
7.50
6.50
5.70
4.40
3.90
3.30
2.52
2.00
1.62
1.30
1.10
0.90
0.75
20
20
20
20
20
20
20
15,20
15,20
15,20
10,20
10,20
10,20
Inductance Range: 1.0 - 100µH
Tolerance: 20% 1.0-100µH, 15% 15-33µH,
10% 47-100µH
Operating Temp: -40°C to +125°C
Isat: DC current at which the inductance drops
approximately 30% from its value without current.
Irms: DC current that causes the temperature rise
(∆T = 40°C) from 25°C ambient.
Pre-Heat: 150°C, 1Min
Solder Composition: Sn96.5%, AG3%, Cu0.5%
Temperature: 245±5°C
Flux for Lead Free: Rosin 9.5%
Dip Time: 4±1Sec
Depth: Completely cover the termination
Reflow times: 1 time max.
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
tp(245°C / 20~40s.)
PRE-HEATING
Reflow Solder Profile
SOLDERING
NATURAL
COOLING
TP(260°C / 10s max.)
Height
“C” Dim
±.008(0.2)
.150(3.8)
.150(3.8)
.150(3.8)
.150(3.8)
.150(3.8)
.150(3.8)
.154(3.9)
.154(3.9)
.154(3.9)
.154(3.9)
.154(3.9)
.154(3.9)
.154(3.9)
Recommended Land pattern
G
H
I
.083
(2.1)
.165
(4.2)
.059
(1.5)
Dimensions:
Inches
(mm)
A
B
D
E
F
.195±.008
(4.95±0.2)
.195±.008
(4.95±0.2)
.051±.012
(1.3±0.3)
.165±.008
(4.2±0.2)
.146
(3.7) Ref
C
See Table
Below
A
B
C
D
F
E


Similar Part No. - PCHP54NF

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHP54 ALLIED-PCHP54 Datasheet
575Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP54-100M-RC ALLIED-PCHP54-100M-RC Datasheet
575Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP54-101M-RC ALLIED-PCHP54-101M-RC Datasheet
575Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP54-102M-RC ALLIED-PCHP54-102M-RC Datasheet
575Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP54-150M-RC ALLIED-PCHP54-150M-RC Datasheet
575Kb / 1P
   SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCHP54NF

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
   SMD Shielded Power Chip Inductor
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV65 ALLIED-PCSV65 Datasheet
632Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV49 ALLIED-PCSV49 Datasheet
424Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCIA49 ALLIED-PCIA49 Datasheet
522Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com