Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D12-1500D Datasheet(PDF) 11 Page - Wall Industries,Inc.

Part # JFCW48D12-1500D
Description  Up to 15 Watts DC/DC Converter Single Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D12-1500D Datasheet(HTML) 11 Page - Wall Industries,Inc.

Back Button JFCW48D12-1500D Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D12-1500D Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D12-1500D Datasheet HTML 5Page - Wall Industries,Inc. JFCW48D12-1500D Datasheet HTML 6Page - Wall Industries,Inc. JFCW48D12-1500D Datasheet HTML 7Page - Wall Industries,Inc. JFCW48D12-1500D Datasheet HTML 8Page - Wall Industries,Inc. JFCW48D12-1500D Datasheet HTML 9Page - Wall Industries,Inc. JFCW48D12-1500D Datasheet HTML 10Page - Wall Industries,Inc. JFCW48D12-1500D Datasheet HTML 11Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev G
JFCW SERIES
Up to 15 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 11 of 11
MODEL NUMBER SETUP
JFCW
24
S
12
-
1300
R
Series Name Input Voltage Range Output Quantity
Output Voltage
Ouptut Current
Suffix
24: 9~36VDC
S: Single
3.3: 3.3VDC
4000: 4000mA
Blank: Pos. Remote ON/OFF
48: 18~75VDC
D: Double
5: 5VDC/±5VDC
3000: 3000mA
R: Neg. Remote ON/OFF
12: 12VDC/±12VDC
1300: 1300mA
D: Without ON/OFF Pin
15: 15VDC/±15VDC
1000: 1000mA
G: Without ON/OFF & TRIM Pin
24: 24VDC/±24VDC
625: 625mA/±625mA
RE: Neg. Remote ON/OFF without TRIM Pin
1500: ±1500mA
F: Pos. Remote ON/OFF without TRIM Pin
500: ±625mA
HS: Heatsink
315: ±315mA
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - JFCW48D12-1500D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D12-10 WALL-JFCW48D12-10 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D12-10DH WALL-JFCW48D12-10DH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D12-10FH WALL-JFCW48D12-10FH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D12-10GH WALL-JFCW48D12-10GH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D12-10RFH WALL-JFCW48D12-10RFH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFCW48D12-1500D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
   Up to 60 Watts Isolated DC/DC Power Converter Single Output
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com