Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016M10TFIR13 Datasheet(PDF) 9 Page - SPANSION

Part # S29AL016M10TFIR13
Description  16 MEGABIT (2M X 8 BIT / I M X 16 BIT) 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016M10TFIR13 Datasheet(HTML) 9 Page - SPANSION

Back Button S29AL016M10TFIR13 Datasheet HTML 5Page - SPANSION S29AL016M10TFIR13 Datasheet HTML 6Page - SPANSION S29AL016M10TFIR13 Datasheet HTML 7Page - SPANSION S29AL016M10TFIR13 Datasheet HTML 8Page - SPANSION S29AL016M10TFIR13 Datasheet HTML 9Page - SPANSION S29AL016M10TFIR13 Datasheet HTML 10Page - SPANSION S29AL016M10TFIR13 Datasheet HTML 11Page - SPANSION S29AL016M10TFIR13 Datasheet HTML 12Page - SPANSION S29AL016M10TFIR13 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
April 21, 2004 S29AL016M_00A4
S29AL016M
10
Ordering Information
Standard Products
Spansion standard products are available in several packages and operating
ranges. The order number (Valid Combination) is formed by a combination of the
elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this
device. Consult your local sales office to confirm availability of specific valid com-
binations and to check on newly released combinations.
S29AL016M
90
T
A
I
01
2
PACKING TYPE
0= Tray
2= 7” Tape & Reel
3
= 13” Tape & Reel
ADDITIONAL ORDERING OPTIONS
01
= x8/x16, VCC= 2.7–3.6 V, top boot sector device
R1
= x8/x16, VCC= 3.0–3.6 V, top boot sector device
02
= x8/x16, VCC= 2.7–3.6 V, bottom boot sector device
R2
= x8/x16, VCC= 3.0–3.6 V, bottom boot sector device
TEMPERATURE RANGE
I
= Industrial (–40
°C to +85°C)
PACKAGE MATERIAL SET
A= Standard
F= Pb-free
PACKAGE TYPE
T
= Thin Small Outline Package (TSOP) Standard Pinout
B
= Fine-Pitch Ball Grid Array (BGA)
F
= Fortified Ball Grid Array (BGA)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
S29AL016M
16 Megabit (2M x 8-Bit/1M x 16-Bit) MirrorBitTM Flash Memory
3.0 Volt-only Read, Program, and Erase
Note: Characters 1-16 of the OPN represent the TSOP
package marking. For example, the package marking for
OPN S29AL016M90TAI010 is “S29AL016M90TAI01”
Note: Characters 4-16 of the OPN represent the BGA pack-
age marking. For example the package marking for OPN
S29AL016M90BAI010 is “AL016M90BAI01”
Valid Combinations
for TSOP Packages
Package
S29AL016M90
S29AL016M10
TAI
TFI
01
R1
02
R2
TS048
Valid Combinations for BGA Packages
Order Number
Package
S29AL016M90
S29AL016M10
BAI
BFI
01
R1
02
R2
FBA048
FAI
FFI
LAA064


Similar Part No. - S29AL016M10TFIR13

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016M10TFIR13 SPANSION-S29AL016M10TFIR13 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
More results

Similar Description - S29AL016M10TFIR13

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com