Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C103KARECAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C103KARECAUTO
Description  ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 0.01 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 1206
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C103KARECAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C103KARECAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C1206C103KARECAUTO
ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 0.01 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Electro
Static Discharge, Automotive Grade, 1206
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
0.78mm +/-0.10mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: ESD SMD Auto X7R
Style: SMD Chip
Description:
SMD, MLCC, Temperature
Stable, Electro Static Discharge,
Automotive Grade
Features: Temperature Stable, Automotive
Grade
RoHS: Yes
Termination: Tin
Marking: No
Qualifications: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Chip Size: 1206
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 250 VDC
ESD Level per AEC-Q200: 25,000 V ESD Level
Dielectric Withstanding
Voltage: 625 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.50% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 3/20/2018 - 19937287-4873-4fe5-82d2-d6e4d314b8ca


Similar Part No. - C1206C103KARECAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C103KARECTU KEMET-C1206C103KARECTU Datasheet
517Kb / 4P
   ESD SMD Comm X7R, Ceramic, 0.01 uF, 10%, 250 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class II, 1206
More results

Similar Description - C1206C103KARECAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C153KARECAUTO KEMET-C1206C153KARECAUTO Datasheet
62Kb / 1P
   ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 0.015 uF, 10%, 250 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 1206
C1206C683KARECAUTO KEMET-C1206C683KARECAUTO Datasheet
62Kb / 1P
   ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 0.068 uF, 10%, 250 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 1206
C1206C102KARECAUTO KEMET-C1206C102KARECAUTO Datasheet
57Kb / 1P
   ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 1000 pF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 1206
C1206X105K5RECAUTO KEMET-C1206X105K5RECAUTO Datasheet
57Kb / 1P
   ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 1 uF, 10%, 50 V, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 1206
C0805C103K1RECAUTO KEMET-C0805C103K1RECAUTO Datasheet
63Kb / 1P
   ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 0.01 uF, 10%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 0805
C0402C103K5RECAUTO KEMET-C0402C103K5RECAUTO Datasheet
62Kb / 1P
   ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 0.01 uF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 0402
C0603X103K1RECAUTO KEMET-C0603X103K1RECAUTO Datasheet
63Kb / 1P
   ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 0.01 uF, 10%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 0603
C0603C103KMRECAUTO KEMET-C0603C103KMRECAUTO Datasheet
62Kb / 1P
   ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 0.01 uF, 10%, 63 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 0603
C0603C103K1RECAUTO KEMET-C0603C103K1RECAUTO Datasheet
72Kb / 1P
   Ceramic, Electro Static Discharge, ESD-AUTO, 0.01 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade
C0805C103K5RECAUTO KEMET-C0805C103K5RECAUTO Datasheet
63Kb / 1P
   ESD SMD Auto X7R, Ceramic, Electro Static Discharge, 0.01 uF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Automotive Grade, 0805
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com