Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S3.3-500R Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # JFC12S3.3-500R
Description  Six-Sided Shielding
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S3.3-500R Datasheet(HTML) 1 Page - Wall Industries,Inc.

  JFC12S3.3-500R Datasheet HTML 1Page - Wall Industries,Inc. JFC12S3.3-500R Datasheet HTML 2Page - Wall Industries,Inc. JFC12S3.3-500R Datasheet HTML 3Page - Wall Industries,Inc. JFC12S3.3-500R Datasheet HTML 4Page - Wall Industries,Inc. JFC12S3.3-500R Datasheet HTML 5Page - Wall Industries,Inc. JFC12S3.3-500R Datasheet HTML 6Page - Wall Industries,Inc. JFC12S3.3-500R Datasheet HTML 7Page - Wall Industries,Inc. JFC12S3.3-500R Datasheet HTML 8Page - Wall Industries,Inc. JFC12S3.3-500R Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev F
JFC SERIES
15 Watts
DC DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 11
Size: 1.0in x 1.0in x 0.39in (25.4mm x 25.4mm x 9.9mm)
OPTIONS
FEATURES
Negative Logic Remote
On/Off
Without Trim
On/Off Pin
Input Ranges
Output Voltages
Six-Sided Shielding
High Efficiency up to 91%
Fixed Switching Frequency
2:1 Wide Input Voltage Range
1600VDC Input to Output Isolation
Compliant to RoHS II & Reach
CE Marked
Useful in a variety of applications
Small Size and Low Profile: 1.0” x 1.0” x 0.39 inches
Industry Standard Pin-Out DM Series Compatible
Over Voltage, Over Load, and Short Circuit Protection
UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
CE Marked
Positive/Negative Logic Remote On/Off, Without Trim, Without
On/Off Pin options
9~18VDC, 18~36VDC, and 36~75VDC input ranges available
APPLICATIONS
DESCRIPTION
Measurement
Telecom/Datacom
Industry Control Systems
Semiconductor Equipment
Distributed Power Architects
The JFC series of single and dual output DC/DC converters provide up to 15 watts of output power in an industry
standard package and footprint. These units are specifically designed to meet power needs in a low profile
package. All models feature a 2:1 wide input voltage range of 9~18VDC, 18~36VDC, or 36~75VDC. Some
features include positive or negative remote on/off, 1600VDC I/O isolation, and trimmable output voltage. All
models are protected against over current, input under voltage, over voltage, and short circuit conditions.
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Ripple & Noise
No Load
Input Current
Output Power
Maximum
Capacitive Load
Efficiency
JFC12S3.3-4000
12VDC
(9~18VDC)
3.3VDC
4000mA
75mVp-p
120mA
Up to 15W
12000µF
84%
JFC12S5-3000
5VDC
3000mA
75mVp-p
90mA
6000µF
88%
JFC12S12-1300
12VDC
1300mA
100mVp-p
30mA
1000µF
86%
JFC12S15-1000
15VDC
1000mA
100mVp-p
30mA
660µF
88%
JFC12S24-625
24VDC
625mA
100mVp-p
12mA
200µF
90%
JFC24S3.3-4000
24VDC
(18~36VDC)
3.3VDC
4000mA
75mVp-p
50mA
Up to 15W
12000µF
86%
JFC24S5-3000
5VDC
3000mA
75mVp-p
65mA
6000µF
88%
JFC24S12-1300
12VDC
1300mA
100mVp-p
20mA
1000µF
87%
JFC24S15-1000
15VDC
1000mA
100mVp-p
20mA
660µF
88%
JFC24S24-625
24VDC
625mA
100mVp-p
10mA
200µF
90%
JFC48S3.3-4000
48VDC
(36~75VDC)
3.3VDC
4000mA
75mVp-p
25mA
Up to 15W
12000µF
86%
JFC48S5-3000
5VDC
3000mA
75mVp-p
35mA
6000µF
88%
JFC48S12-1300
12VDc
1300mA
100mVp-p
12mA
1000µF
88%
JFC48S15-1000
15VDC
1000mA
100mVp-p
12mA
660µF
88%
JFC48S24-625
24VDC
625mA
100mVp-p
10mA
200µF
91%


Similar Part No. - JFC12S3.3-500R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S3.3-20 WALL-JFC12S3.3-20 Datasheet
253Kb / 5P
   20 Watts Maximum Output Power
JFC12S3.3-4000 WALL-JFC12S3.3-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JFC12S3.3-4000 WALL-JFC12S3.3-4000 Datasheet
140Kb / 5P
   15 Watt DC/DC Converter
More results

Similar Description - JFC12S3.3-500R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
   WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
logo
IXYS Corporation
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
MIXA101W1200EH IXYS-MIXA101W1200EH Datasheet
343Kb / 6P
   Six-Pack
MIXD50W650TED IXYS-MIXD50W650TED Datasheet
248Kb / 4P
   Six-Pack
MIXA100W1200TEH IXYS-MIXA100W1200TEH Datasheet
383Kb / 6P
   Six-Pack
MIXA10W1200TML IXYS-MIXA10W1200TML Datasheet
393Kb / 6P
   Six-Pack
logo
Powerex Power Semicondu...
MG150J7KS61 POWEREX-MG150J7KS61 Datasheet
272Kb / 6P
   Six IGBTMOD
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100-G AVAGO-SPFEIM100-G Datasheet
317Kb / 5P
   Integrated EMI shielding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com