Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8391 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8391
Description  xDSL Line Driver 3 V to 12 V with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8391 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8391 Datasheet HTML 3Page - Analog Devices AD8391 Datasheet HTML 4Page - Analog Devices AD8391 Datasheet HTML 5Page - Analog Devices AD8391 Datasheet HTML 6Page - Analog Devices AD8391 Datasheet HTML 7Page - Analog Devices AD8391 Datasheet HTML 8Page - Analog Devices AD8391 Datasheet HTML 9Page - Analog Devices AD8391 Datasheet HTML 10Page - Analog Devices AD8391 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
AD8391
–7–
FREQUENCY – Hz
1M
10
100
1k
10k
100k
60
50
0
40
30
20
10
VS = 6V
VS = 1.5V
TPC 13. Voltage Noise vs. Frequency (RTI)
FREQUENCY – MHz
10k
1k
0.1
0.01
1k
0.1
1
10
100
100
10
1
VS = 6V
POWER-DOWN
POWER-UP
TPC 14. Output Impedance vs. Frequency
FREQUENCY – MHz
0.1
1
1k
10
100
0
20
–20
–40
–80
–60
–120
VIN = 10dBm
VS = 6V
RL = 10
G = –2
POWER-UP
POWER-DOWN
–100
TPC 15. Crosstalk (Output to Output)
vs. Frequency
FREQUENCY – Hz
10
1M
100
1k
10k
100k
140
120
0
100
80
60
40
VS = 6V
VS = 1.5V
20
TPC 16. Current Noise vs. Frequency (RTI)
FREQUENCY – MHz
10k
1k
0.1
0.01
1k
0.1
1
10
100
100
10
1
VS = 1.5V
POWER-DOWN
POWER-UP
TPC 17. Output Impedance vs. Frequency
FREQUENCY – MHz
0.1
1
1k
10
100
–15
–20
–25
–30
–35
–40
–45
–50
VS = 6V
RL = 10
POWER-DOWN
VIN = 10dBm
–55
G = –5, RG = 178 , RF = 909
G = –2, RG = 453 , RF = 909
TPC 18. Signal Feedthrough vs. Frequency


Similar Part No. - AD8391

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
More results

Similar Description - AD8391

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Texas Instruments
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com