Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE388 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE388
Description  Silicon Complementary Transistors General Purpose High Power Audio, Disk Head Positioner for Linear Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE388 Datasheet(HTML) 1 Page - NTE Electronics

  NTE388 Datasheet HTML 1Page - NTE Electronics NTE388 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE388 (NPN) & NTE68 (PNP)
Silicon Complementary Transistors
General Purpose High Power Audio,
Disk Head Positioner for Linear Applications
Description:
The NTE388 (NPN) and NTE68 (PNP) are complementary silicon power transistors in a TO3 type
package designed for high power audio, disk head positioners, and other linear applications.
Features:
D High Safe Operating Area: 2A @ 80V
D High DC Current Gain: hFE = 15 Min @ IC = 8A
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
250V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEX
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
16A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak (Note 2)
30A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Base Current, IB
5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC = +25°C), PD
250W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
1.43W/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
0.70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Matched complementary pairs are available upon request (NTE68MCP). Matched comple-
mentary pairs have their gain specification (hFE) matched to within 10% of each other.
Note 2. Pulse Test: Pulse Width = 5ms, Duty Cycle
≤ 10%.


Similar Part No. - NTE388

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NTE388 ISC-NTE388 Datasheet
302Kb / 2P
   isc Silicon PNP Power Transistor
logo
NTE Electronics
NTE3880 NTE-NTE3880 Datasheet
37Kb / 5P
   Integrated Circuit NMOS, 8-Bit Microprocessor (MPU), 4MHz
NTE3881 NTE-NTE3881 Datasheet
29Kb / 4P
   Integrated Circuit NMOS, Parallel I/O Interface (PIO), 4MHz
NTE3882 NTE-NTE3882 Datasheet
29Kb / 4P
   Integrated Circuit NMOS, Counter Timer Control (CTC)
More results

Similar Description - NTE388

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE87 NTE-NTE87 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE60 NTE-NTE60 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE186 NTE-NTE186 Datasheet
20Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE123A NTE-NTE123A Datasheet
33Kb / 4P
   Silicon Complementary Transistors General Purpose
NTE323 NTE-NTE323 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE16004 NTE-NTE16004 Datasheet
23Kb / 4P
   Silicon Complementary Transistors High Current, General Purpose
logo
Micro Electronics
2N5400 MICRO-ELECTRONICS-2N5400 Datasheet
165Kb / 2P
   COMPLEMENTARY SILICON GENERAL PURPOSE HIGH VOLTAGE TRANSISTORS
logo
NTE Electronics
NTE58 NTE-NTE58 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Power Audio Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com