Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU048-1812C4-22AL1K3 Datasheet(PDF) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU048-1812C4-22AL1K3
Description  CITIZEN ELECTRONICS is the first COB manufacture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU048-1812C4-22AL1K3 Datasheet(HTML) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU048-1812C4-22AL1K3 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1812C4-22AL1K3 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1812C4-22AL1K3 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1812C4-22AL1K3 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1812C4-22AL1K3 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1812C4-22AL1K3 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1812C4-22AL1K3 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1812C4-22AL1K3 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1812C4-22AL1K3 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Ref.CE-P3737 07/16
Radiation Characteristic
0%
20%
40%
60%
80%
100%
X
Y
80°
70°
60°
50°
40°
30°
20°
10°
-80°
-70°
-60°
-50°
-20°
-30°
-40°
-10°
90°
-90°
Case Temperature
vs. Allowable Forward Current
0
500
1000
1500
2000
2500
0
25
50
75
100
125
Tc [C]
4-2. Optical Characteristics (continued)
4-3. Derating Characteristics
8


Similar Part No. - CLU048-1812C4-22AL1K3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU048-1812C4-273H5K2 CITIZEN-CLU048-1812C4-273H5K2 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1812C4-27BV1N3 CITIZEN-CLU048-1812C4-27BV1N3 Datasheet
560Kb / 14P
   Brilliant Type
More results

Similar Description - CLU048-1812C4-22AL1K3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU059-3618C8 CITIZEN-CLU059-3618C8 Datasheet
585Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1202C8 CITIZEN-CLU029-1202C8 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1203C8 CITIZEN-CLU029-1203C8 Datasheet
650Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1204C8 CITIZEN-CLU029-1204C8 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1205C8 CITIZEN-CLU039-1205C8 Datasheet
691Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU039-1208C8 CITIZEN-CLU039-1208C8 Datasheet
692Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU048-1212C4-22AL1K3 CITIZEN-CLU048-1212C4-22AL1K3 Datasheet
548Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU049-1812C8 CITIZEN-CLU049-1812C8 Datasheet
698Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU049-1818C8 CITIZEN-CLU049-1818C8 Datasheet
698Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-0603C8 CITIZEN-CLU029-0603C8 Datasheet
627Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com