Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC24D12-30FHC Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # JFC24D12-30FHC
Description  30 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC24D12-30FHC Datasheet(HTML) 5 Page - Wall Industries,Inc.

  JFC24D12-30FHC Datasheet HTML 1Page - Wall Industries,Inc. JFC24D12-30FHC Datasheet HTML 2Page - Wall Industries,Inc. JFC24D12-30FHC Datasheet HTML 3Page - Wall Industries,Inc. JFC24D12-30FHC Datasheet HTML 4Page - Wall Industries,Inc. JFC24D12-30FHC Datasheet HTML 5Page - Wall Industries,Inc. JFC24D12-30FHC Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev B
JFC30 SERIES
30 Watt DC/DC Power Converters
10/21/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 6
EMI CONSIDERATIONS
Recommended Filter for EN55022 Class A Compliance
Recommended Filter for EN55022 Class B Compliance
Model
C1
L1
JFC12SXX-30
4.7µF/25V
1812 MLCC
2.2µF
SMD Inductor
PMT-097
JFC24SXX-30
4.7µF/50V
1812 MLCC
2.2µF
SMD Inductor
PMT-097
JFC48SXX-30
4.7µF/100V
1812 MLCC
10µF
SMD Inductor
PMT-070
Model
C1
C2
C3
C4 & C5
L1
JFC12SXX-
30
4.7µF/25V
1812
MLCC
4.7µF/25V
1812
MLCC
4.7µF/25V
1812
MLCC
1000pF/2k
V
1206
MLCC
2.2µF
SMD Inductor
PMT-097
JFC24SXX-
30
4.7µF/50V
1812
MLCC
4.7µF/50V
1812
MLCC
4.7µF/50V
1812
MLCC
1000pF/2k
V
1206
MLCC
2.2µF
SMD Inductor
PMT-097
JFC48SXX-
30
4.7µF/100
V
1812
MLCC
4.7µF/100
V
1812
MLCC
4.7µF/100
V
1812
MLCC
2200pF/2k
V
1206
MLCC
10µF
SMD Inductor
PMT-070
Recommended EN55022 Class A Filter Circuit Layout
Recommended EN55022 Class B Filter Circuit Layout
MODEL NUMBER SETUP
JFC
24
S
05
-
30
R
H
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Output Power
Remote ON/OFF, CTRL, and TRIM Pins
Heatsink
12: 9-18 VDC
S:
Single
Output
33: 3.3 VDC
30: 30 Watts
None: Positive Logic
None
:
No Heatsink
24: 18-36 VDC
05: 5 VDC
R: Negative Logic
HC: Heatsink
48: 36-75 VDC
12: 12 VDC
D: Without CTRL Pin
15: 15 VDC
G: Without CTRL and TRIM Pins
24: 24 VDC
F:
Positive Logic without TRIM
Pin
D: Dual Output
12: ±12 VDC
RF:
Negative Logic without TRIM
Pin
15: ±15 VDC
24: ±24 VDC


Similar Part No. - JFC24D12-30FHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC24D12-3000D WALL-JFC24D12-3000D Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24D12-3000F WALL-JFC24D12-3000F Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24D12-3000G WALL-JFC24D12-3000G Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24D12-3000R WALL-JFC24D12-3000R Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24D12-3000RF WALL-JFC24D12-3000RF Datasheet
720Kb / 11P
   Six-Sided Shielding
More results

Similar Description - JFC24D12-30FHC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM30KW-C AIMTEC-AM30KW-C Datasheet
330Kb / 3P
   30 watt dc-dc converters
logo
TRACO Electronic AG
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
   DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
   30 Watt Wide input DC/DC converters
logo
TRACO Electronic AG
TEN30WI TRACOPOWER-TEN30WI Datasheet
310Kb / 4P
   DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com