Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S24-30GHC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # JFC12S24-30GHC
Description  30 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S24-30GHC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  JFC12S24-30GHC Datasheet HTML 1Page - Wall Industries,Inc. JFC12S24-30GHC Datasheet HTML 2Page - Wall Industries,Inc. JFC12S24-30GHC Datasheet HTML 3Page - Wall Industries,Inc. JFC12S24-30GHC Datasheet HTML 4Page - Wall Industries,Inc. JFC12S24-30GHC Datasheet HTML 5Page - Wall Industries,Inc. JFC12S24-30GHC Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev B
JFC30 SERIES
30 Watt DC/DC Power Converters
10/21/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS: JFC30 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
12VDC nominal input models
9
12
18
VDC
24VDC nominal input models
18
24
36
48VDC nominal input models
36
48
75
Start-Up Voltage
12VDC nominal input models
9
VDC
24VDC nominal input models
18
48VDC nominal input models
36
Shutdown Voltage
12VDC nominal input models
8
VDC
24VDC nominal input models
16
48VDC nominal input models
33
Input Surge Voltage (1sec, max.)
12VDC nominal input models
25
VDC
24VDC nominal input models
50
48VDC nominal input models
100
Input Reflected Ripple Current
30
mAp-p
Input Current
No Load
See Table
Input Filter
Pi type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-0.5
+0.5
Load Regulation
No load to full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-1.0
+1.0
10% load to 90% load
Single Output Models
-0.1
+0.1
%
Dual Output Models
-0.8
+0.8
Cross Regulation (Dual Output Models) Asymmetrical load 25% / 100% FL
-5.0
+5.0
%
Voltage Adjustability (See Note 1)
Single Output Models
15V & 24V Output Models
-10
+20
%
Others
-10
+10
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise (20MHz BW)
With 22µF/25V X7R 1812 MLCC
3.3V & 5V Output Models
75
mVp-p
With two 22µF/25V X7R 1812 MLCC
12V & 15V Output Models
75
With two 6.8µF/50V X7R 1812 MLCC
24V Output Models
75
With 10µF/25V X7R 1812 MLCC for each output
±12V & ±15V Output
Models
60
With 6.8µF/50V X7R 1812 MLCC for each output ±24V Output Models
75
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Nom. input and constant resistive load
Power Up
30
ms
Remote ON/OFF
30
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Hiccup, automatic recovery
Over Load Protection
% of rated full load at nominal input
140
%
Over Voltage Protection
Zener diode clamp
3.3V Output Models
3.7
5.4
VDC
5V Output Models
5.6
7.0
12V Output Models
13.5
19.6
15V Output Models
18.3
22.0
24V Output Models
29.1
32.5
Over Temperature Protection
+115
°C
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
3.3V & 5V Output Models
247.5
275
302.5
kHz
Others
297
330
363
Isolation Voltage
1 minute
Input to Output
1600
VDC
Input to Case
1000
Output to Case
1000
Isolation Resistance
500VDC
1
Isolation Capacitance
1500
pF


Similar Part No. - JFC12S24-30GHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S24-3000D WALL-JFC12S24-3000D Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S24-3000F WALL-JFC12S24-3000F Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S24-3000G WALL-JFC12S24-3000G Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S24-3000R WALL-JFC12S24-3000R Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S24-3000RF WALL-JFC12S24-3000RF Datasheet
720Kb / 11P
   Six-Sided Shielding
More results

Similar Description - JFC12S24-30GHC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM30KW-C AIMTEC-AM30KW-C Datasheet
330Kb / 3P
   30 watt dc-dc converters
logo
TRACO Electronic AG
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
   DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
   30 Watt Wide input DC/DC converters
logo
TRACO Electronic AG
TEN30WI TRACOPOWER-TEN30WI Datasheet
310Kb / 4P
   DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com