Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12D33-30GHC Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JFC12D33-30GHC
Description  30 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12D33-30GHC Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JFC12D33-30GHC Datasheet HTML 1Page - Wall Industries,Inc. JFC12D33-30GHC Datasheet HTML 2Page - Wall Industries,Inc. JFC12D33-30GHC Datasheet HTML 3Page - Wall Industries,Inc. JFC12D33-30GHC Datasheet HTML 4Page - Wall Industries,Inc. JFC12D33-30GHC Datasheet HTML 5Page - Wall Industries,Inc. JFC12D33-30GHC Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev B
JFC30 SERIES
30 Watt DC/DC Power Converters
10/21/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 6
DERATING CURVES
JFC24S05-30 Derating Curve
JFC24S05-30 Derating Curve with Heatsink
EFFICIENCY CURVES
JFC24S05-30 Efficiency vs Input Voltage
JFC24S05-30 Efficiency vs Output Load
MECHANICAL DRAWING
PIN CONNECTIONS
PRODUCT OPTIONS
PIN
SINGLE
DUAL
OPTION
SUFFIX
1
+INPUT
+INPUT
Positive Logic
None
2
-INPUT
-INPUT
Negative Logic
R
3
CTRL
CTRL
Without CTRL Pin
D
4
+OUTPUT
+OUTPUT
Without CTRL and TRIM Pins
G
5
TRIM
COMMON
Positive Logic without TRIM Pin
F
6
-OUTPUT
-OUTPUT
Negative Logic without TRIM Pin
RF
Heatsink
HC
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using
the method shown below
NOTES
1. Unit: inches (mm)
2. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
3. Pin Pitch Tolerance: ±0.01 (±0.25)
4. Pin Dimension Tolerance: ±0.004 (±0.1)
5. All dimensions are for reference only


Similar Part No. - JFC12D33-30GHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12D33-10DHC WALL-JFC12D33-10DHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12D33-10FHC WALL-JFC12D33-10FHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12D33-10GHC WALL-JFC12D33-10GHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12D33-10RFHC WALL-JFC12D33-10RFHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12D33-10RHC WALL-JFC12D33-10RHC Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFC12D33-30GHC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM30KW-C AIMTEC-AM30KW-C Datasheet
330Kb / 3P
   30 watt dc-dc converters
logo
TRACO Electronic AG
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
   DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
   30 Watt Wide input DC/DC converters
logo
TRACO Electronic AG
TEN30WI TRACOPOWER-TEN30WI Datasheet
310Kb / 4P
   DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com