Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S5-3000R Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JFC12S5-3000R
Description  Six-Sided Shielding
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S5-3000R Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JFC12S5-3000R Datasheet HTML 1Page - Wall Industries,Inc. JFC12S5-3000R Datasheet HTML 2Page - Wall Industries,Inc. JFC12S5-3000R Datasheet HTML 3Page - Wall Industries,Inc. JFC12S5-3000R Datasheet HTML 4Page - Wall Industries,Inc. JFC12S5-3000R Datasheet HTML 5Page - Wall Industries,Inc. JFC12S5-3000R Datasheet HTML 6Page - Wall Industries,Inc. JFC12S5-3000R Datasheet HTML 7Page - Wall Industries,Inc. JFC12S5-3000R Datasheet HTML 8Page - Wall Industries,Inc. JFC12S5-3000R Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev F
JFC SERIES
15 Watts
DC DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 11
NOTES
(1)
Typical Value at Nominal Input Voltage and No Load.
(2)
Test by Minimum Vin and Constant Resistive Load.
(3)
Typical Value at Nominal Input Voltage and Full Load.
(4)
Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external
resistor between the Trim pin and either +Vout pin or –Vout pin.
(5)
The ON/OFF Control pin voltage is referenced to –Vin. (See the “Product Standard Table” below for suffix options)
(6)
For Heat Sink option add the suffix “HS” to the part number (Ex: JFC48S5-3000HS)(P/N: 7G-0047C-F). See attached for more details.
(7)
The JFC series can meet EN55022 Class A and Class B with external capacitors connected in parallel to the input pins. See attached for more
details.
(8)
An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5. The filter capacitor suggested is Nippon chemi-
con KY series, 220µF/100V.
Caution: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
JFC48S5-3000 Derating Curve
JFC48S5-3000 Derating Curve With Heat-Sink
EFFICIENCY GRAPHS
JFC48S5-3000 Efficiency vs. Input Voltage
JFC48S5-3000 Efficiency vs. Output Load


Similar Part No. - JFC12S5-3000R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S5-3000 WALL-JFC12S5-3000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JFC12S5-3000 WALL-JFC12S5-3000 Datasheet
140Kb / 5P
   15 Watt DC/DC Converter
More results

Similar Description - JFC12S5-3000R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
   WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
logo
IXYS Corporation
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
MIXA101W1200EH IXYS-MIXA101W1200EH Datasheet
343Kb / 6P
   Six-Pack
MIXD50W650TED IXYS-MIXD50W650TED Datasheet
248Kb / 4P
   Six-Pack
MIXA100W1200TEH IXYS-MIXA100W1200TEH Datasheet
383Kb / 6P
   Six-Pack
MIXA10W1200TML IXYS-MIXA10W1200TML Datasheet
393Kb / 6P
   Six-Pack
logo
Powerex Power Semicondu...
MG150J7KS61 POWEREX-MG150J7KS61 Datasheet
272Kb / 6P
   Six IGBTMOD
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100-G AVAGO-SPFEIM100-G Datasheet
317Kb / 5P
   Integrated EMI shielding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com