Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D05-30GHC Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # JFCW48D05-30GHC
Description  30 Watt DC/DC Power Converter Single and Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D05-30GHC Datasheet(HTML) 7 Page - Wall Industries,Inc.

  JFCW48D05-30GHC Datasheet HTML 1Page - Wall Industries,Inc. JFCW48D05-30GHC Datasheet HTML 2Page - Wall Industries,Inc. JFCW48D05-30GHC Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D05-30GHC Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D05-30GHC Datasheet HTML 5Page - Wall Industries,Inc. JFCW48D05-30GHC Datasheet HTML 6Page - Wall Industries,Inc. JFCW48D05-30GHC Datasheet HTML 7Page - Wall Industries,Inc. JFCW48D05-30GHC Datasheet HTML 8Page - Wall Industries,Inc. JFCW48D05-30GHC Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev C
JFCW30 SERIES
30 Watt
DC/DC Power Converter
Single and Dual Output
02/27/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 9
OUTPUT VOLTAGE ADJUSTMENT
Output voltage set point adjustment allows the user to increase or decrease the output voltage set point of the module. This is
accomplished by connecting an external resistor between the Trim pin and either the +Output or –Output pins.
With external resistor between the Trim and –Output pin, the output voltage set increases.
With an external resistor between the Trim and +Output pin, the output voltage set point decreases.
The external Trim resistor needs to be at least 1/16W of rated power.
Trim Up Equation
Trim Constants
Module
G
H
K
L
JFCWxxS33-30
5110
2050
0.8
2.5
JFCWxxS05-30
5110
2050
2.5
2.5
JFCWxxS12-30
10000
5110
9.5
2.5
JFCWxxS15-30
10000
5110
12.5
2.5
JFCWxxS24-30
56000
13000
21.5
2.5
Trim Down Equation
External Output Trimming
Output can be externally trimmed using the method shown below
Trim Up
3.3VDC Single Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.630
RU (kΩ)
385.071
191.511
126.990
94.730
75.374
62.470
53.253
46.340
40.963
36.662
5VDC Single Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
5.050
5.100
5.150
5.200
5.250
5.300
5.350
5.400
5.450
5.500
RU (kΩ)
253.450
125.700
83.117
61.825
49.050
40.533
34.450
29.888
26.339
23.500
12VDC Single Outputs Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
12.120
12.240
12.360
12.480
12.600
12.720
12.840
12.960
13.080
13.200
RU (kΩ)
203.223
99.057
64.334
46.973
36.557
29.612
24.652
20.932
18.038
15.723
15VDC Single Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
15.150
15.300
15.450
15.600
15.750
15.900
16.050
16.200
16.350
16.500
RU (kΩ)
161.557
78.223
50.446
36.557
28.223
22.668
18.700
15.723
13.409
11.557
ΔV (%)
11
12
13
14
15
19
17
18
19
20
Vout (V)
16.650
16.800
16.950
17.100
17.250
17.400
17.550
17.700
17.850
18.00
RU (kΩ)
10.042
8.779
7.711
6.795
6.001
5.307
4.694
4.149
3.662
3.223
24VDC Single Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
24.240
24.480
24.720
24.960
25.200
25.440
25.680
25.920
26.160
26.400
RU (kΩ)
570.333
278.667
181.444
132.833
103.667
84.222
70.333
59.917
51.815
45.333
ΔV (%)
11
12
13
14
15
19
17
18
19
20
Vout (V)
26.640
26.880
27.120
27.360
27.600
27.840
28.080
28.320
28.560
28.800
RU (kΩ)
40.030
35.611
31.872
28.667
25.889
23.458
21.314
19.407
17.702
16.167


Similar Part No. - JFCW48D05-30GHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D05-10 WALL-JFCW48D05-10 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D05-10DH WALL-JFCW48D05-10DH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D05-10FH WALL-JFCW48D05-10FH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D05-10GH WALL-JFCW48D05-10GH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW48D05-10RFH WALL-JFCW48D05-10RFH Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFCW48D05-30GHC

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
FEC30-24S1P8 VOLGEN-FEC30-24S1P8 Datasheet
641Kb / 2P
   30 WATT DC/DC CONVERTER SINGLE OUTPUT
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
logo
C&D Technologies
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
   30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Make-Ps
700PW MAKE-PS-700PW Datasheet
163Kb / 3P
   Single and Dual Output DC/DC Converter
1500WFR MAKE-PS-1500WFR Datasheet
150Kb / 3P
   Single and Dual Output DC/DC Converter
logo
Bothhand USA, LP.
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com