Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U630H16DA25G1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # U630H16DA25G1
Description  HARDSTORE 2K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U630H16DA25G1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  U630H16DA25G1 Datasheet HTML 1Page - List of Unclassifed Manufacturers U630H16DA25G1 Datasheet HTML 2Page - List of Unclassifed Manufacturers U630H16DA25G1 Datasheet HTML 3Page - List of Unclassifed Manufacturers U630H16DA25G1 Datasheet HTML 4Page - List of Unclassifed Manufacturers U630H16DA25G1 Datasheet HTML 5Page - List of Unclassifed Manufacturers U630H16DA25G1 Datasheet HTML 6Page - List of Unclassifed Manufacturers U630H16DA25G1 Datasheet HTML 7Page - List of Unclassifed Manufacturers U630H16DA25G1 Datasheet HTML 8Page - List of Unclassifed Manufacturers U630H16DA25G1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
April 7, 2005
U630H16
Block Diagram
Operating Mode
E
NE
W
G
DQ0 - DQ7
Standby/not selected
H
***
High-Z
Internal Read
L
H
H
H
High-Z
Read
L
H
H
L
Data Outputs Low-Z
Write
L
H
L
*
Data Inputs High-Z
Truth Table for SRAM Operations
a: Stresses greater than those listed under „Absolute Maximum Ratings“ may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at condition above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Absolute Maximum Ratingsa
Symbol
Min.
Max.
Unit
Power Supply Voltage
VCC
-0.5
7
V
Input Voltage
VI
-0.3
VCC+0.5
V
Output Voltage
VO
-0.3
VCC+0.5
V
Power Dissipation
PD
1W
Operating Temperature
C-Type
K-Type
A-Type
Ta
0
-40
-40
70
85
85
°C
°C
°C
Storage Temperature
Tstg
-65
150
°C
Characteristics
All voltages are referenced to VSS = 0 V (ground).
All characteristics are valid in the power supply voltage range and in the operating temperature range specified.
Dynamic measurements are based on a rise and fall time of
≤ 5 ns, measured between 10 % and 90 % of VI,as well as
input levels of VIL = 0 V and VIH = 3 V. The timing reference level of all input and output signals is 1.5 V,
with the exception of the tdis-times and ten-times, in which cases transition is measured ± 200 mV from steady-state voltage.
* H or L
EEPROM Array
32 x (64 x 8)
STORE
RECALL
SRAM
Array
32 Rows x
64 x 8 Columns
A5
A6
A7
A8
A9
Store/
Recall
Control
VCC
VSS
VCC
G
NE
E
W
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Column I/O
Column Decoder
A0 A1 A2 A3 A4A10


Similar Part No. - U630H16DA25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16DA25G1 SIMTEK-U630H16DA25G1 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
More results

Similar Description - U630H16DA25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
   HardStore 2K x 8 nvSRAM Die
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com