Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW24S24-30DHC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # JFCW24S24-30DHC
Description  30 Watt DC/DC Power Converter Single and Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW24S24-30DHC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  JFCW24S24-30DHC Datasheet HTML 1Page - Wall Industries,Inc. JFCW24S24-30DHC Datasheet HTML 2Page - Wall Industries,Inc. JFCW24S24-30DHC Datasheet HTML 3Page - Wall Industries,Inc. JFCW24S24-30DHC Datasheet HTML 4Page - Wall Industries,Inc. JFCW24S24-30DHC Datasheet HTML 5Page - Wall Industries,Inc. JFCW24S24-30DHC Datasheet HTML 6Page - Wall Industries,Inc. JFCW24S24-30DHC Datasheet HTML 7Page - Wall Industries,Inc. JFCW24S24-30DHC Datasheet HTML 8Page - Wall Industries,Inc. JFCW24S24-30DHC Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev C
JFCW30 SERIES
30 Watt
DC/DC Power Converter
Single and Dual Output
02/27/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 9
SPECIFICATIONS: JFCW30 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC nominal input models
9
24
36
VDC
48VDC nominal input models
18
48
75
Start-Up Voltage
24VDC nominal input models
9
VDC
48VDC nominal input models
18
Shutdown Voltage
24VDC nominal input models
8
VDC
48VDC nominal input models
16
Input Surge Voltage (1sec, max.)
24VDC nominal input models
50
VDC
48VDC nominal input models
100
Input Reflected Ripple Current
Nominal Input and Full Load
30
mAp-p
Input Current
No Load
See Table
Input Filter
Pi type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-0.5
+0.5
Load Regulation
No load to full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-1.0
+1.0
10% load to 90% load
Single Output Models
-0.1
+0.1
%
Dual Output Models
-0.8
+0.8
Cross Regulation
Asymmetrical load 25% / 100% FL, Dual Outputs
-5.0
+5.0
%
Voltage Adjustability (See Note 1)
Single Output Models
15V & 24V Output Models
-10
+20
%
Others
-10
+10
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise (20MHz BW)
With 22µF/25V X7R 1812 MLCC
3.3V & 5V Output Models
75
mVp-p
With two 22µF/25V X7R 1812 MLCC
12V & 15V Output Models
75
With two 6.8µF/50V X7R 1812 MLCC
24V Output Models
75
With 10µF/25V X7R 1812 MLCC for each output ±12V & ±15V Output Models
60
With 6.8µF/50V X7R 1812 MLCC for each output ±24V Output Models
75
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Constant resistive load
Power Up
30
ms
Remote ON/OFF
30
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Load Protection
% of rated full load at nominal input
170
%
Over Voltage Protection
Zener diode clamp
3.3V Output Models
3.7
5.4
VDC
5V Output Models
5.6
7.0
12V Output Models
13.5
19.6
15V Output Models
18.3
22.0
24V Output Models
29.1
32.5
Over Temperature Protection
+115
°C
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
3.3V & 5V Output Models
248
275
303
kHz
Others
297
330
363
Isolation Voltage
1 minute
Input to Output
1600
VDC
Input to Case
1000
Output to Case
1000
Isolation Resistance
500VDC
1
Isolation Capacitance
1500
pF


Similar Part No. - JFCW24S24-30DHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW24S24-3000D WALL-JFCW24S24-3000D Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW24S24-3000F WALL-JFCW24S24-3000F Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW24S24-3000G WALL-JFCW24S24-3000G Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW24S24-3000HS WALL-JFCW24S24-3000HS Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW24S24-3000R WALL-JFCW24S24-3000R Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
More results

Similar Description - JFCW24S24-30DHC

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
FEC30-24S1P8 VOLGEN-FEC30-24S1P8 Datasheet
641Kb / 2P
   30 WATT DC/DC CONVERTER SINGLE OUTPUT
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
logo
C&D Technologies
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
   30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Make-Ps
700PW MAKE-PS-700PW Datasheet
163Kb / 3P
   Single and Dual Output DC/DC Converter
1500WFR MAKE-PS-1500WFR Datasheet
150Kb / 3P
   Single and Dual Output DC/DC Converter
logo
Bothhand USA, LP.
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com