Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP48S28-100 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # SP48S28-100
Description  Isolated and Regulated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

SP48S28-100 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  SP48S28-100 Datasheet HTML 1Page - Wall Industries,Inc. SP48S28-100 Datasheet HTML 2Page - Wall Industries,Inc. SP48S28-100 Datasheet HTML 3Page - Wall Industries,Inc. SP48S28-100 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev F
SP & SPW SERIES
Single Output
Up to 100 Watts
Half Brick DC/DC Converter
11/14/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
NOTES
1.
Auto off power train protection.
2.
For input reflected ripple of 20mAp-p, use an industry standard 12uH source impedance with a low ESR aluminum 33uf capacitor across input.
3.
Ripple & Noise is measured with a 10uf//0.1uf across output.
4.
All case, pin to case, and pin to header dimensions reference only unless otherwise noted.
5.
Pin diameters are 0.04” except: those used for +Vout and –Vout are 0.08”. Pin length is 0.20” min.
6.
Pin to pin tolerance ±0.01”. Pin diameter tolerance ±0.005”
7.
Significant capacitive load on output may inhibit start-up and operation, consult factory.
8.
All DC/DC converters should be externally fused on the front end for protection.
9.
Heatsinks available, consult factory.
10. 48VDC input with 48VDC output not available in 75 and 100 watt models.
11. Through-hole instead of threaded inserts available (0.125” diameter), add suffix “TH”
12. Positive Remote ON/OFF control is standard. To order negative logic Remote ON/OFF control add the suffix “R” to the part number (Ex.
SP48S48-100R0
*Due to advances in technology, specifications subject to change without notice.
MECHANICAL DRAWINGS


Similar Part No. - SP48S28-100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
SP48S12-100 WALL-SP48S12-100 Datasheet
249Kb / 7P
   100W DC-DC Converter
SP48S33-66 WALL-SP48S33-66 Datasheet
227Kb / 7P
   66W DC-DC Converter
SP48S48-100 WALL-SP48S48-100 Datasheet
244Kb / 7P
   100W DC-DC Converter
More results

Similar Description - SP48S28-100

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
PM-1000B033 VOLGEN-PM-1000B033 Datasheet
80Kb / 2P
   Non Isolated & Regulated
PM-500A33 VOLGEN-PM-500A33 Datasheet
84Kb / 2P
   Non Isolated & Regulated
logo
Vicor Corporation
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
MDCM28AP480M320A50 VICOR-MDCM28AP480M320A50 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G53C2YZZ VICOR-DCM3623X36G53C2YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X75H40C2YZZ VICOR-DCM3623X75H40C2YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X75H53C2YZZ VICOR-DCM3623X75H53C2YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X75H06A6YZZ VICOR-DCM3623X75H06A6YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
MDCM28AP240M320A50 VICOR-MDCM28AP240M320A50 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G31C2YZZ VICOR-DCM3623X36G31C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com