Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D24-30RHC Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # JFCW48D24-30RHC
Description  30 Watt DC/DC Power Converter Single and Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D24-30RHC Datasheet(HTML) 8 Page - Wall Industries,Inc.

  JFCW48D24-30RHC Datasheet HTML 1Page - Wall Industries,Inc. JFCW48D24-30RHC Datasheet HTML 2Page - Wall Industries,Inc. JFCW48D24-30RHC Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D24-30RHC Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D24-30RHC Datasheet HTML 5Page - Wall Industries,Inc. JFCW48D24-30RHC Datasheet HTML 6Page - Wall Industries,Inc. JFCW48D24-30RHC Datasheet HTML 7Page - Wall Industries,Inc. JFCW48D24-30RHC Datasheet HTML 8Page - Wall Industries,Inc. JFCW48D24-30RHC Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev C
JFCW30 SERIES
30 Watt
DC/DC Power Converter
Single and Dual Output
02/27/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 8 of 9
Trim Down
3.3VDC Single Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.970
RU (kΩ)
116.719
54.779
34.133
23.810
17.616
13.486
10.537
8.325
6.604
5.228
5VDC Single Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
4.950
4.900
4.850
4.800
4.750
4.700
4.650
4.600
4.550
4.500
RU (kΩ)
248.340
120.590
78.007
56.715
43.940
35.423
29.340
24.778
21.229
18.390
12VDC Single Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
11.880
11.760
11.640
11.520
11.400
11.280
11.160
11.040
10.920
10.800
RU (kΩ)
776.557
380.723
248.779
182.807
143.223
116.834
97.985
83.848
72.853
64.057
15VDC Single Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
14.850
14.700
14.550
14.400
14.250
14.100
13.950
13.800
13.650
13.500
RU (kΩ)
818.223
401.557
262.668
193.223
151.557
123.779
103.938
89.057
77.483
68.223
24VDC Single Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
23.760
23.520
23.280
23.040
22.800
22.560
22.320
22.080
21.840
21.600
RU (kΩ)
49473667
2439.333
1603.222
1185.167
934.333
767.111
647.667
558.083
488.407
432.667
MODEL NUMBER SETUP
JFCW
24
S
05
-
30
R
H
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Output Power
Remote ON/OFF, CTRL, and TRIM Pins
Heatsink
24: 9-36V
S: Single Output
33: 3.3VDC
30: 30W
None: Positive Logic
None: No Heatsink
48: 18-75V
05: 5VDC
R: Negative Logic
HC: Heatsink
12: 12VDC
D: Without CTRL Pin
15: 15VDC
G: Without CTRL and TRIM Pins
24: 24VDC
F: Positive Logic w/out TRIM Pin
D: Dual Output
12: ±12VDC
RF: Negative Logic w/out TRIM Pin
15: ±15VDC
24: ±24VDC


Similar Part No. - JFCW48D24-30RHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D24-3000D WALL-JFCW48D24-3000D Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D24-3000F WALL-JFCW48D24-3000F Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D24-3000G WALL-JFCW48D24-3000G Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D24-3000HS WALL-JFCW48D24-3000HS Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D24-3000R WALL-JFCW48D24-3000R Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
More results

Similar Description - JFCW48D24-30RHC

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
FEC30-24S1P8 VOLGEN-FEC30-24S1P8 Datasheet
641Kb / 2P
   30 WATT DC/DC CONVERTER SINGLE OUTPUT
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
logo
C&D Technologies
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
   30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Make-Ps
700PW MAKE-PS-700PW Datasheet
163Kb / 3P
   Single and Dual Output DC/DC Converter
1500WFR MAKE-PS-1500WFR Datasheet
150Kb / 3P
   Single and Dual Output DC/DC Converter
logo
Bothhand USA, LP.
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com