Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAHC-5S Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAHC-5S
Description  4~5.5 Watts, AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHC-5S Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAHC-5S Datasheet HTML 1Page - Wall Industries,Inc. PSAHC-5S Datasheet HTML 2Page - Wall Industries,Inc. PSAHC-5S Datasheet HTML 3Page - Wall Industries,Inc. PSAHC-5S Datasheet HTML 4Page - Wall Industries,Inc. PSAHC-5S Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc.
Rev F
PSAHC SERIES
4~5.5 Watts, AC/DC Switching Power Supplies
05/28/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
DERATING
Standard Models
“-E1” Suffix Models
Ambient Temperature (°C)
110
100
90
80
70
60
50
40
30
20
10
0
-25 -10
0
10
20
30
40
50
60
70
80
90 100
12V, 15V, 24V Models
3.3V Model
5V Model
Ambient Temperature (°C)
110
100
90
80
70
60
50
40
30
20
10
0
-40 -25
0
10
20
30
40
50
60
70
80
90 100
Others
3.3V Model
120
100
90
80
60
40
20
0
Ta=25°C
Input Voltage (VAC)
90
100
110
135
155
230
264
120
100
90
80
60
40
20
0
Ta=25°C
Input Voltage (VAC)
90
100
110
135
155
230
264
MECHANICAL DRAWING
3
4
1
2
1.8 (45.72)
2.0 (50.80)
0.597 (15.16)
0.31
(8.0)
0.04 (1.0)
Unit: inches (mm)
Tolerance: ±0.02 (±0.5)
PIN CONNECTIONS
PIN
ASSIGNMENT
1
AC IN (N)
2
AC IN (L)
3
+DC OUT
4
-DC OUT
TOP VIEW


Similar Part No. - PSAHC-5S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAHC-5S WALL-PSAHC-5S Datasheet
330Kb / 6P
   5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
More results

Similar Description - PSAHC-5S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GCU500 XPPOWER-GCU500_18 Datasheet
1Mb / 9P
   AC-DC Power Supplies 500 Watts
SMP350 XPPOWER-SMP350 Datasheet
959Kb / 6P
   AC-DC Power Supplies 350 Watts
VCE03 XPPOWER-VCE03_18 Datasheet
602Kb / 4P
   AC-DC Power Supplies 3 Watts
logo
Power Systems GmbH+Co.K...
VEG120A-190X POWER-SYSTEMS-VEG120A-190X Datasheet
362Kb / 2P
   AC-DC Power Supplies 120 WATTS
logo
XP Power Limited
VCE10 XPPOWER-VCE10_18 Datasheet
594Kb / 4P
   AC-DC Power Supplies 10 Watts
VCE05 XPPOWER-VCE05_17 Datasheet
572Kb / 4P
   AC-DC Power Supplies 5 Watts
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com