Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP24S3.3-75 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # SP24S3.3-75
Description  Isolated and Regulated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

SP24S3.3-75 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  SP24S3.3-75 Datasheet HTML 1Page - Wall Industries,Inc. SP24S3.3-75 Datasheet HTML 2Page - Wall Industries,Inc. SP24S3.3-75 Datasheet HTML 3Page - Wall Industries,Inc. SP24S3.3-75 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev F
SP & SPW SERIES
Single Output
Up to 100 Watts
Half Brick DC/DC Converter
11/14/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC Nominal Input
18
36
VDC
48VDC Nominal Input
36
75
48VDC Nominal Input
18
75
Input Filter
Pi Input Filter
Input Voltage Lockout
<16 >38VDC
<34 >78VDC(1)
Input Reflected Ripple(2)
20
mAp-p
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
1
%
Line Regulation
±0.1
%
Load Regulation
±0.1
%
External Output Trim
±10
%
Remote Sense
Up to 0.5V Power Line Drop
Output Power
See Table
Output Current
See Table
Minimum Load
None Required
Ripple & Noise (20MHz bandwidth)(3)
1.5
%Vout
Transient Response
±5.0% Deviation
100µ/sec recovery to within ±1.0%
Start-Up Time
Temperature Coefficient
REMOTE ON/OFF CONTROL(12)
Standard
Active High Enable (Positive Remote ON/OFF)
“R” Suffix
Active Low Enable (Negative Remote ON/OFF)
PROTECTION
Short Circuit Protection
Continuous
Over Voltage Protection
Approximately 120% Vout, Self-Reseting
Current Limiting Inception
Approximately 125%
Thermal Overload
+110ºC Baseplate, Self-Resetting
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
+100
ºC
Storage Temperature
-55
+125
ºC
Humidity
Non-Condensing
20
95
%RH
Temperature Coefficient
0.01
%/ºC
GENERAL SPECIFICATIONS
Efficiency
85
%
Switching Frequency (Fixed)
400kHz ±10%
Isolation Voltage
Input to Output
1500
VDC
Input to Case
750
Output to Case
750
Isolation Resistance
Input to Output
100
M
Ω
PHYSICAL SPECIFICATIONS
Weight
Approximately 4.0oz
Dimensions (L x W x H)
2.28in x 2.4in x 0.5in
(57.91mm x 60.96mm x 12.7mm)
Case Material
Non-Metallic with Aluminum Baseplate


Similar Part No. - SP24S3.3-75

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
SP24S12-100 WALL-SP24S12-100 Datasheet
254Kb / 7P
   100W DC-DC Converter
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
   50W DC-DC Converter
SP24S12-75 WALL-SP24S12-75 Datasheet
238Kb / 7P
   75W DC-DC Converter
More results

Similar Description - SP24S3.3-75

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
PM-1000B033 VOLGEN-PM-1000B033 Datasheet
80Kb / 2P
   Non Isolated & Regulated
PM-500A33 VOLGEN-PM-500A33 Datasheet
84Kb / 2P
   Non Isolated & Regulated
logo
Vicor Corporation
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
MDCM28AP480M320A50 VICOR-MDCM28AP480M320A50 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G53C2YZZ VICOR-DCM3623X36G53C2YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X75H40C2YZZ VICOR-DCM3623X75H40C2YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X75H53C2YZZ VICOR-DCM3623X75H53C2YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X75H06A6YZZ VICOR-DCM3623X75H06A6YZZ Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
MDCM28AP240M320A50 VICOR-MDCM28AP240M320A50 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G31C2YZZ VICOR-DCM3623X36G31C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com