Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM12S3.3-5500 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # MM12S3.3-5500
Description  Single and Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MM12S3.3-5500 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  MM12S3.3-5500 Datasheet HTML 1Page - Wall Industries,Inc. MM12S3.3-5500 Datasheet HTML 2Page - Wall Industries,Inc. MM12S3.3-5500 Datasheet HTML 3Page - Wall Industries,Inc. MM12S3.3-5500 Datasheet HTML 4Page - Wall Industries,Inc. MM12S3.3-5500 Datasheet HTML 5Page - Wall Industries,Inc. MM12S3.3-5500 Datasheet HTML 6Page - Wall Industries,Inc. MM12S3.3-5500 Datasheet HTML 7Page - Wall Industries,Inc. MM12S3.3-5500 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MM Series
Single and Dual Output
2:1 Input Voltage Range
25~30 Watt DC/DC Converter
Rev A
NOTES
1. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
2.
The MM series requires a minimum output loading to maintain specified regulations. Operation under no-load
conditions will not damage these devices, however they may not meet all listed specifications.
3.
All DC/DC converters should be externally fused at the front end for protection.
4.
Other input and output voltages may be available, please contact factory.
5.
Heat-sink is optional, please consult factory for ordering details.
Due to advances in technology, specifications subject to change without notice.
BLOCK DIAGRAMS
Single Output
Dual Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
On/Off
Trim
OVP
OTP
OVP
+Vo
PW M
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
On/Off
Trim
OVP
OTP
OVP
INPUT VOLTAGE TRANSIENT RATING
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
12VDC Input Models


Similar Part No. - MM12S3.3-5500

ManufacturerPart #DatasheetDescription
logo
SICK AG
MM12-45APS-ZCKS01 SICK-MM12-45APS-ZCKS01 Datasheet
2Mb / 6P
   MAGNETIC PROXIMITY SENSORS
MM12-60A-N-ZC0 SICK-MM12-60A-N-ZC0 Datasheet
3Mb / 7P
   MAGNETIC PROXIMITY SENSORS
MM12-60A-N-ZW0 SICK-MM12-60A-N-ZW0 Datasheet
2Mb / 7P
   MAGNETIC PROXIMITY SENSORS
MM12-60ANS-ZCK SICK-MM12-60ANS-ZCK Datasheet
2Mb / 7P
   MAGNETIC PROXIMITY SENSORS
MM12-60ANS-ZUK SICK-MM12-60ANS-ZUK Datasheet
1Mb / 6P
   MAGNETIC PROXIMITY SENSORS
More results

Similar Description - MM12S3.3-5500

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
   Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
   Single and Dual Output
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
   Single and dual output
logo
Wall Industries,Inc.
DMW WALL-DMW_16 Datasheet
294Kb / 6P
   Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com