Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S15-30 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # JFC12S15-30
Description  30 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S15-30 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  JFC12S15-30 Datasheet HTML 1Page - Wall Industries,Inc. JFC12S15-30 Datasheet HTML 2Page - Wall Industries,Inc. JFC12S15-30 Datasheet HTML 3Page - Wall Industries,Inc. JFC12S15-30 Datasheet HTML 4Page - Wall Industries,Inc. JFC12S15-30 Datasheet HTML 5Page - Wall Industries,Inc. JFC12S15-30 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev B
JFC30 SERIES
30 Watt DC/DC Power Converters
10/21/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
SPECIFICATIONS: JFC30 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF (See Note 4)
Positive Logic (standard)
Referenced to –Input pin
DC/DC ON
Open or 3V < Vr < 15 VDC
DC/DC OFF
Short or 0 < Vr < 1.2 VDC
Negative Logic (optional)
Referenced to –Input pin
DC/DC ON
Short or 0 <Vr < 1.2 VDC
DC/DC OFF
Open or 3V < Vr < 15 VDC
Input Current of Remote Control Pin
Nominal Vin
-0.5
1.0
mA
Remote OFF State Input Current
Nominal Vin
2.0
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Vertical direction by natural convection (20LFM)
Without derating
-40
+50
°C
With derating
+50
+100
Maximum Case Temperature
+105
°C
Storage Temperature
-55
+125
°C
Thermal Impedance (See Note 6)
Natural Convection (20LFM)
Without Heatsink
15.0
°C/W
With Heatsink
13.8
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta=40°C
1,579,000 hours
MIL-HDBK-217F Ta=25°C, full load (G/B, controlled environment)
337,300 hours
PHYSICAL SPECIFICATIONS
Weight
0.58oz (16.5g)
Dimensions (L x W x H)
1.00x1.00x0.39 inch (25.4x25.4x9.9 mm)
Case Material
Copper
Base Material
FR4 PCB
Potting Material
Silicon (UL94-V0)
Shielding
Six-sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 2)
EN55022
Class B
ESD
EN61000-4-2
Air ±8kV
Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 3)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (See Note 3)
EN61000-4-5
±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
NOTES
1.Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an
external resistor between the TRIM pin and either the +Vout pin or the –Vout pin.
2.The JFC30 series can only meet EMI Class A or Class B with external components added. See page 5 for more details.
3.An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
- For 12VDC nominal input models we recommend connecting an aluminum electrolytic capacitor (Nippon chemi-con KY series,
220µF/100V)
and a TVS (SMDJ58A, 58V, 3000 Watt peak pulse power) diode in parallel.
- For 24VDC and 48VDC nominal input models we recommend an aluminum electrolytic capacitor (Nippon chemi-con KY series,
220µF/100V).
4.Both positive logic and negative logic remote ON/OFF control is available. Positive logic remote ON/OFF comes standard; for negative
logic
remote ON/OFF add the suffix “R” to the model number (Ex: JFC24S05-30R).
5.There are several different options available for this series. Please see the “Model Number Setup” on page 5 for all options and ordering
information.
6.Optional heatsink is available. Please call factory for more information.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
Due to advances in technology, specifications subject to change without notice.


Similar Part No. - JFC12S15-30

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S15-3000D WALL-JFC12S15-3000D Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S15-3000F WALL-JFC12S15-3000F Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S15-3000G WALL-JFC12S15-3000G Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S15-3000R WALL-JFC12S15-3000R Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S15-3000RF WALL-JFC12S15-3000RF Datasheet
720Kb / 11P
   Six-Sided Shielding
More results

Similar Description - JFC12S15-30

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM30KW-C AIMTEC-AM30KW-C Datasheet
330Kb / 3P
   30 watt dc-dc converters
logo
TRACO Electronic AG
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
   DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
   30 Watt Wide input DC/DC converters
logo
TRACO Electronic AG
TEN30WI TRACOPOWER-TEN30WI Datasheet
310Kb / 4P
   DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com