Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9858301VXXA Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 5962R9858301VXXA
Description  20MHz 16-bit Microcontroller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9858301VXXA Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  5962R9858301VXXA Datasheet HTML 1Page - Aeroflex Circuit Technology 5962R9858301VXXA Datasheet HTML 2Page - Aeroflex Circuit Technology 5962R9858301VXXA Datasheet HTML 3Page - Aeroflex Circuit Technology 5962R9858301VXXA Datasheet HTML 4Page - Aeroflex Circuit Technology 5962R9858301VXXA Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9858301VXXA Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9858301VXXA Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9858301VXXA Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9858301VXXA Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
q 20MHz 16-bit Microcontroller compatible with industry
standard’s MCS-96 ISA
- Register to Register Architecture
- 1000 Byte Register RAM
q Three 8-bit I/O Ports
q On-board Interrupt Controller
q Three Pulse-Width Modulated Outputs
q High Speed I/O
q UART Serial Port
q Dedicated Baud Rate Generator
q Software and Hardware Timers
- 16-Bit Watchdog Timer, Four 16-Bit Software Timers
- Three 16-Bit Counter/Timers
q Radiation-hardened process and design; total dose
irradiation testing to MIL-STD-883 Method 1019
- Total-dose: 100K rads(Si)
- Effective LET threshold: 25 MeV-cm 2/mg
- Saturated cross section: 3.66e-7cm2/bit
- Latchup immune (LET > 128 MeV-cm2/mg)
q Error detection and correction for external memory accesses
q QML Q and QML V compliant part
q Standard Microcircuit Drawing 5962-98583
INTRODUCTION
The UT80CRH196KD is compatible with industry standard’s
MCS-96 instruction set. The UT80CRH196KD is supported
by commercial hardware and software development tools.
Built on UTMC’s Commercial RadHard
TM epitaxial CMOS
technology, the microcontroller is hardened against ionizing
dose and charged particles. The microcontroller’s on-board
1000 byte scratch-pad SRAM and flip-flops can withstand
charged particles with energies up to 25 MeV-cm
2/mg.
The UT80CRH196KD accesses instruction code and data via
a 16-bit address and data bus. The 16-bit bus allows the
microcontroller to access 128K bytes of instruction/data
memory. Integrated software and hardware timers, high speed
I/O, pulse width modulation circuitry, and UART make the
UT80CRH196KD ideal for control type applications. The
CPU’s ALU supports byte and word adds and subtracts, 8 and
16 bit multiplies, 32/16 and 16/8 bit divides, as well as
increment, decrement, negate, compare, and logical
operations. The UT80CRH196KD’s interrupt controller
prioritizes and vectors 18 interrupt events. Interrupts include
normal interrupts and special interrupts. To reduce power
consumption, the microcontroller supports software invoked
idle and power down modes. The UT80CRH196KD is
packaged in a 68-lead quad flatpack.
1000 Bytes
RAM
Register File
ALU
MicroCode
Engine
Interrupt
Controller
PTS
Memory
Controller
Queue
Watchdog
Timer
PWM
PORT2
Serial
Port
HSIO and
Timers
HSI HSO
Alternate
Functions
CPU
Alternate
Functions
PORT1
HOLD
HLDA
BREQ
PWM1
PWM2
Control
Signals
Address /Data Bus
Figure 1. UT80CRH196KD Microcontroller
PORT0
EXTINT
ECB0-
ECB5
Standard Products
UT80CRH196KD Microcontroller
Datasheet
September, 2002


Similar Part No. - 5962R9858301VXXA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962R9858001QXC AEROFLEX-5962R9858001QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858001VXC AEROFLEX-5962R9858001VXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858002QXC AEROFLEX-5962R9858002QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858002VXC AEROFLEX-5962R9858002VXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858003QXC AEROFLEX-5962R9858003QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
More results

Similar Description - 5962R9858301VXXA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTS9513 ETC-CTS9513 Datasheet
236Kb / 28P
   5 Chan 16 bit 20MHz Counter/Timer
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com