Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W65C02S6P-14 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # W65C02S6P-14
Description  Microprocessor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W65C02S6P-14 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button W65C02S6P-14 Datasheet HTML 32Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 33Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 34Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 35Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 36Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 37Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 38Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 39Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
The Western Design Center, Inc.
W65C02S Datasheet
The Western Design Center, Inc.
W65C02S Datasheet
36
7 CAVEATS
Table 7-1 Microprocessor Operational Enhancements
Function
NMOS 6502
W65C02S
Indexed addressing across page
boundary
Extra read of invalid address.
Extra read of last instruction byte.
Execution of invalid OpCodes.
Some terminate only by reset.
Results are undefined.
All are NOP's (reserved for future use).
OpCode
Bytes
Cycles
02,22,42,62,82
2
2
C2, E2
X3,OB-BB,EB,FB
1
1
44
2
3
54,D4,F4
2
4
5C
3
8
DC,FC
3
4
Jump indirect, operand = XXFF.
Page address does not increment.
Page address increments, one additional
cycle.
Read/Modify/Write instruction at
effective address.
One read and two write cycles.
Two read and one write cycle.
Decimal flag.
Indeterminate after reset.
Initialized to binary mode (D=0) after reset
and interrupts.
Flags after decimal operation.
Invalid N, V and Z flags.
Valid flags. One additional cycle.
Interrupt after fetch of BRK
instruction
Interrupt vector is loaded; BRK
vector is ignored.
BRK is executed, and then interrupt is
executed.
Ready.
Input.
Bi-directional, WAI instruction pulls low.
Read/Modify/Write instructions
absolute indexed in same page.
Seven cycles.
Six cycles.
Oscillator.
Requires external active components.
Crystal or RC network will oscillate when
connected between PHI2 and PHI10.
Assertion of Ready (RDY) during
write operations.
Ignored.
Stops p rocessor during PHI2, and WAI
instruction pulls RDY low.
Clock inputs.
PHI2 is the only required clock.
PHI2 is the only required clock.
Unused input-only pins.
Must be tied to VDD.
Must be tied to VDD.
The BRK instruction for both the NMOS 6502 and 65C02 is a 2 byte instruction. The NMOS and CMOS devices
simply skips the second byte (i.e. doesn’t care about the second byte) by incrementing the program counter twice.
It is important to realize that if a return from interrupt is used it will return to the location after the second or
signature byte.


Similar Part No. - W65C02S6P-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W65C21S ETC1-W65C21S Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C21S6TPLG-14 ETC1-W65C21S6TPLG-14 Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C22S ETC-W65C22S Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
W65C22S6TPG-14 ETC-W65C22S6TPG-14 Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
W65C22S6TPLG-14 ETC-W65C22S6TPLG-14 Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
More results

Similar Description - W65C02S6P-14

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
   MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
   Microprocessor
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
   Microprocessor
logo
Texas Instruments
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
[Old version datasheet]   Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
   MICROPROCESSOR
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
   Microprocessor
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
   Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
[Old version datasheet]   Microprocessor
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
   MICROPROCESSOR
logo
Freescale Semiconductor...
MC7457RX1267LC FREESCALE-MC7457RX1267LC Datasheet
808Kb / 71P
   Microprocessor
logo
Intel Corporation
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
   MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com