Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W65C02S6P-14 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # W65C02S6P-14
Description  Microprocessor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W65C02S6P-14 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button W65C02S6P-14 Datasheet HTML 17Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 18Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 19Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 20Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 21Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 22Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 23Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 24Page - List of Unclassifed Manufacturers W65C02S6P-14 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
The Western Design Center, Inc.
W65C02S Data Sheet
The Western Design Center, Inc.
W65C02S Data Sheet
21
5 OPERATION TABLES
Table 5-1 Instruction Set Table
1.
ADC
ADd memory to accumulator with Carry
2.
AND
"AND" memory with accumulator
3.
ASL
Arithmetic Shift one bit Left, memory or
accumulator
4.
•BBR
Branch on Bit Reset
5.
•BBS
Branch of Bit Set
6.
BCC
Branch on Carry Clear (Pc=0)
7.
BCS
Branch on Carry Set (Pc=1)
8.
BEQ
Branch if EQual (Pz=1)
9.
BIT
BIt Test
10.
BMI
Branch if result MInus (Pn=1)
11.
BNE
Branch if Not Equal (Pz=0)
12.
BPL
Branch if result PLus (Pn=0)
13.
•BRA
BRanch Always
14.
BRK
BReaK instruction
15.
BVC
Branch on oVerflow Clear (Pv=0)
16.
BVS
Branch on oVerflow Set (Pv=1)
17.
CLC
CLear Cary flag
18.
CLD
CLear Decimal mode
19.
CLI
CLear Interrupt disable bit
20.
CLV
CLear oVerflow flag
21.
CMP
CoMPare memory and accumulator
22.
CPX
ComPare memory and X regist er
23.
CPY
ComPare memory and Y register
24.
DEC
DECrement memory or accumulate by one
25.
DEX
DEcrement X by one
26.
DEY
DEcrement Y by one
27.
EOR
"Exclusive OR" memory with accumulate
28.
INC
INCrement memory or accumulate by one
29.
INX
INcrement X register by one
30.
INY
INcrement Y register by one
31.
JMP
JuMP to new location
32.
JSR
Jump to new location Saving Return (Jump to
SubRoutine)
33.
LDA
LoaD Accumulator with memory
34.
LDX
LoaD the X register with memory
35.
LDY
LoaD the Y register with memory
36.
LSR
Logical Shift one bit Right memory or accumulator
37.
NOP
No OPeration
38.
ORA
"OR" memory with Accumulator
39.
PHA
PusH Accumulator on stack
40.
PHP
PusH Processor status on stack
41.
PHX
PusH X register on stack
42.
PHY
PusH Y register on stack
43.
PLA
PuLl Accumulator from stack
44.
PLP
PuLl Processor status from stack
45.
•PLX
PuLl X register from stack
46.
•PLY
PuLl Y register from stack
47.
•RMB
Reset Memory Bit
48.
ROL
ROtate one bit Left memory or accumulator
49.
ROR
ROtate one bit Right memory or accumulator
50.
RTI
ReTurn from Interrupt
51.
RTS
ReTurn from Subroutine
52.
SBC
SuBtract memory from accumulator with borrow
(Carry bit)
53.
SED
SEt Decimal mode
54.
SEI
SEt Interrupt disable status
55.
•SMB
Set Memory Bit
56.
STA
STore Accumulator in memory
57.
•STP
SToP mode
58.
STX
STore the X register in memory
59.
STY
STore the Y register in memory
60.
•STZ
STore Zero in memory
61.
TAX
Transfer the Accumulator to the X register
62.
TAY
Transfer the Accumulator to the Y register
63.
•TRB
Test and Reset memory Bit
64.
•TSB
Test and Set memory Bit
65.
TSX
Transfer the Stack pointer to the X register
66.
TXA
Transfer the X register to the Accumulator
67.
TXS
Transfer the X register to the Stack pointer register
68.
TYA
Transfer Y register to the Accumulator
69.
•WAI
WAit for Interrupt
Note:
•=New Instruction


Similar Part No. - W65C02S6P-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W65C21S ETC1-W65C21S Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C21S6TPLG-14 ETC1-W65C21S6TPLG-14 Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C22S ETC-W65C22S Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
W65C22S6TPG-14 ETC-W65C22S6TPG-14 Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
W65C22S6TPLG-14 ETC-W65C22S6TPLG-14 Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
More results

Similar Description - W65C02S6P-14

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
   MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
   Microprocessor
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
   Microprocessor
logo
Texas Instruments
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
[Old version datasheet]   Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
   MICROPROCESSOR
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
   Microprocessor
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
   Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
[Old version datasheet]   Microprocessor
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
   MICROPROCESSOR
logo
Freescale Semiconductor...
MC7457RX1267LC FREESCALE-MC7457RX1267LC Datasheet
808Kb / 71P
   Microprocessor
logo
Intel Corporation
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
   MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com