Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6264BSA07LL Datasheet(PDF) 5 Page - Zentrum Mikroelektronik Dresden AG

Part # U6264BSA07LL
Description  STANDARD 5K X 8 SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U6264BSA07LL Datasheet(HTML) 5 Page - Zentrum Mikroelektronik Dresden AG

  U6264BSA07LL Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U6264BSA07LL Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U6264BSA07LL Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U6264BSA07LL Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U6264BSA07LL Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U6264BSA07LL Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U6264BSA07LL Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U6264BSA07LL Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U6264BSA07LL Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
April 20, 2004
U6264B
Switching Characteristics
Symbol
Min.
Max.
Unit
Alt.
IEC
Time to Output in Low-Z
tLZ
tt(QX)
510
ns
Cycle Time
Write Cycle Time
Read Cycle Time
tWC
tRC
tcW
tcR
70
70
ns
ns
Access Time
E1 LOW or E2 HIGH to Data Valid
G LOW to Data Valid
Address to Data Valid
tACE
tOE
tAA
ta(E)
ta(G)
ta(A)
-
-
-
70
40
70
ns
ns
ns
Pulse Widths
Write Pulse Width
Chip Enable to End of Write
tWP
tCW
tw(W)
tw(E)
50
65
ns
ns
Setup Times
Address Setup Time
Chip Enable to End of Write
Write Pulse Width
Data Setup Time
tAS
tCW
tWP
tDS
tsu(A)
tsu(E)
tsu(W)
tsu(D)
0
65
50
35
ns
ns
ns
ns
Data Hold Time
Address Hold from End of Write
tDH
tAH
th(D)
th(A)
0
0
ns
ns
Output Hold Time from Address Change
tOH
tv(A)
5ns
E1 HIGH or E2 LOW to Output in High-Z
W LOW to Output in High-Z
G HIGH to Output in High-Z
tHZCE
tHZWE
tHZOE
tdis(E)
tdis(W)
tdis(G)
0
0
0
25
30
25
ns
ns
ns
Data Retention Mode E1-Controlled
Data Retention
4.5 V
tDR
trec
VCC
E1
VCC(DR) ≥ 2 V
VE2(DR) ≥ VCC(DR) - 0.2 V or VE2(DR) ≤ 0.2 V
VCC(DR) - 0.2 V ≤ VE1(DR) ≤ VCC(DR) + 0.3 V
0 V
2.2 V
2.2 V
VCC(DR) ≥ 2 V
Data Retention Mode E2-Controlled
Data Retention
trec
tDR
0.8 V
0.8 V
VE2(DR) ≤ 0.2 V
4.5 V
0 V
VCC
E2
Chip Deselect to Data Retention Time
tDR :
min 0 ns
Operating Recovery Time
trec :
min tcR


Similar Part No. - U6264BSA07LL

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
U6264ASA07 ZMD-U6264ASA07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
More results

Similar Description - U6264BSA07LL

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
   8K x 8 SRAM
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com