Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W65C02S Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # W65C02S
Description  Microprocessor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W65C02S Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button W65C02S Datasheet HTML 32Page - List of Unclassifed Manufacturers W65C02S Datasheet HTML 33Page - List of Unclassifed Manufacturers W65C02S Datasheet HTML 34Page - List of Unclassifed Manufacturers W65C02S Datasheet HTML 35Page - List of Unclassifed Manufacturers W65C02S Datasheet HTML 36Page - List of Unclassifed Manufacturers W65C02S Datasheet HTML 37Page - List of Unclassifed Manufacturers W65C02S Datasheet HTML 38Page - List of Unclassifed Manufacturers W65C02S Datasheet HTML 39Page - List of Unclassifed Manufacturers W65C02S Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
The Western Design Center, Inc.
W65C02S Datasheet
The Western Design Center, Inc.
W65C02S Datasheet
40
ORDERING INFORMATION
W65C02S6PL-14
Description
W65C
W65C = standard product
Product Identification Number
02S
Foundry Process
6
Blank = 1.2u
8=.8u, 6=.6u
Package
PL
P = Plastic Dual-In-Line, 40 pins
PL = Plastic Leaded Chip Carrier, 44 pins
Q = Quad Flat Pack, 44 pins
Temperature/Processing
Blank = -40°C to + 85°C (PLCC and QFP) 0
°C to 70°C (DIP)
Speed Designator
-14
-14 = 14MHz
____________________________________________________________________________________
To receive general sales or technical support on standard product or information about our module library licenses,
contact us at:
The Western Design Center, Inc.
2166 East Brown Road
Mesa, Arizona 85213 USA
Phone: 480-962-4545
Fax: 480-835-6442
information@westerndesigncenter.com
www.westerndesigncenter.com
_______________________________________________________________________________________
WARNING:
MOS CIRCUITS ARE SUBJECT TO DAMAGE FROM STATIC DISCHARGE
Internal static discharge circuits are provided to minimize part damage due to environmental static electrical charge
build-ups. Industry established recommendations for handling MOS circuits include:
1.
Ship and store product in conductive shipping tubes or conductive foam plastic. Never ship or store product in
non-conductive plastic containers or non-conductive plastic foam material.
2.
Handle MOS parts only at conductive work stations.
3.
Ground all assembly and repair tools.


Similar Part No. - W65C02S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W65C21S ETC1-W65C21S Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C21S6TPLG-14 ETC1-W65C21S6TPLG-14 Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C22S ETC-W65C22S Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
W65C22S6TPG-14 ETC-W65C22S6TPG-14 Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
W65C22S6TPLG-14 ETC-W65C22S6TPLG-14 Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
More results

Similar Description - W65C02S

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
   MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
   Microprocessor
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
   Microprocessor
logo
Texas Instruments
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
[Old version datasheet]   Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
   MICROPROCESSOR
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
   Microprocessor
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
   Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
[Old version datasheet]   Microprocessor
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
   MICROPROCESSOR
logo
Freescale Semiconductor...
MC7457RX1267LC FREESCALE-MC7457RX1267LC Datasheet
808Kb / 71P
   Microprocessor
logo
Intel Corporation
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
   MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com