Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U630H16SC45 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U630H16SC45
Description  HARDSTORE 2K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U630H16SC45 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U630H16SC45 Datasheet HTML 1Page - List of Unclassifed Manufacturers U630H16SC45 Datasheet HTML 2Page - List of Unclassifed Manufacturers U630H16SC45 Datasheet HTML 3Page - List of Unclassifed Manufacturers U630H16SC45 Datasheet HTML 4Page - List of Unclassifed Manufacturers U630H16SC45 Datasheet HTML 5Page - List of Unclassifed Manufacturers U630H16SC45 Datasheet HTML 6Page - List of Unclassifed Manufacturers U630H16SC45 Datasheet HTML 7Page - List of Unclassifed Manufacturers U630H16SC45 Datasheet HTML 8Page - List of Unclassifed Manufacturers U630H16SC45 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
April 7, 2005
U630H16
High-performance CMOS nonvo-
latile static RAM 2048 x 8 bits
25, 35 and 45 ns Access Times
12, 20 and 25 ns Output Enable
Access Times
Hardware STORE Initiation
(STORE Cycle Time < 10 ms)
Automatic STORE Timing
106 STORE cycles to EEPROM
100 years data retention in
EEPROM
Automatic RECALL on Power Up
Hardware RECALL Initiation
(RECALL Cycle Time < 20
µs)
Unlimited RECALL cycles from
EEPROM
Unlimited Read and Write to
SRAM
Single 5 V
± 10 % Operation
Operating temperature ranges:
0to 70
°C
-40 to 85
°C
-40 to 125 °C (only 35 ns)
QS 9000 Quality Standard
ESD protection > 2000 V
(MIL STD 883C M3015.7-HBM)
RoHS compliance and Pb- free
Packages: SOP28 (300 mil),
PDIP28 (300/600 mil)
The U630H16 has two separate
modes of operation: SRAM mode
and nonvolatile mode, determined
by the state of the NE pin.
In SRAM mode, the memory ope-
rates as an ordinary static RAM. In
nonvolatile operation, data is trans-
ferred in parallel from SRAM to
EEPROM or from EEPROM to
SRAM.
In
this
mode
SRAM
functions are disabled.
The U630H16 is a fast static RAM
(25, 35, 45 ns), with a nonvolatile
electrically
erasable
PROM
(EEPROM) element incorporated
in each static memory cell. The
SRAM can be read and written an
unlimited number of times, while
independent nonvolatile data resi-
des in EEPROM. Data transfers
from the SRAM to the EEPROM
(the STORE operation), or from the
EEPROM
to
the
SRAM
(the
RECALL operation) are initiated
through the state of the NE pin.
The U630H16 combines the high
performance and ease of use of a
fast SRAM with nonvolatile data
integrity.
Once a STORE cycle is initiated,
further input or output are disabled
until the cycle is completed.
Internally, RECALL is a two step
procedure. First, the SRAM data is
cleared and second, the nonvola-
tile information is transferred into
the SRAM cells.
The RECALL operation in no way
alters the data in the EEPROM
cells. The nonvolatile data can be
recalled an unlimited number of
times.
HardStore 2K x 8 nvSRAM
Pin Configuration
Pin Description
Top View
1
NE
VCC
28
2
n.c.
W
27
4
A6
A8
25
5
A5
A9
24
3
A7
n.c.
26
6
A4
n.c.
23
7
A3
G
22
8
A2
A10
21
12
DQ1
DQ5
17
9
A1
E
20
10
A0
DQ7
19
11
DQ0
DQ6
18
13
DQ2
DQ4
16
14
VSS
DQ3
15
PDIP
SOP
Signal Name
Signal Description
A0 - A10
Address Inputs
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
W
Write Enable
NE
Nonvolatile Enable
VCC
Power Supply Voltage
VSS
Ground
Features
Description


Similar Part No. - U630H16SC45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16SC45 SIMTEK-U630H16SC45 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16SC45G1 SIMTEK-U630H16SC45G1 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
More results

Similar Description - U630H16SC45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
   HardStore 2K x 8 nvSRAM Die
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com