Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9858302VXA Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # 5962R9858302VXA
Description  20MHz 16-bit Microcontroller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9858302VXA Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button 5962R9858302VXA Datasheet HTML 2Page - Aeroflex Circuit Technology 5962R9858302VXA Datasheet HTML 3Page - Aeroflex Circuit Technology 5962R9858302VXA Datasheet HTML 4Page - Aeroflex Circuit Technology 5962R9858302VXA Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9858302VXA Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9858302VXA Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9858302VXA Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9858302VXA Datasheet HTML 9Page - Aeroflex Circuit Technology 5962R9858302VXA Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Table 9: External I/O Reset State
External I/O
I/O Function After Reset
I/O State During
Reset
I/O State After Reset
Address/Data Bus (AD15:0)
Address/Data Bus
Pulled High
Driven Output
ALE
ADV
ALE
Pulled High
Driven Output
RD
RD
Pulled High
Driven Output
WR
WRL
WR
Pulled High
Driven Output
Port 0 (P0.0-P0.3; P0.6)
ECB(4:0)
[P0.0-P0.3; P0.6] and
ECB(4:0)
Undefined Inputs
1
Undefined I/O
1,2
Port 0 (P0.4 and P0.5)
P0.4 and P0.5
Undefined Inputs 1
Undefined Inputs 1
Port 0 (P0.7)
EXTINT
P0.7
Undefined Input1
Undefined Input1
NMI
NMI
Pulled Down
Pulled Down
HSI.0
T2RST
HSI.0
Disabled Input
1
Disabled Input
1
HSI.1
T2CLK
HSI.1
Disabled Input1
Disabled Input1
HSI.2/HSO.4
Undefined
Disabled I/O1
Disabled I/O1
HSI.3/HSO.5
Undefined
Disabled I/O1
Disabled I/O1
HSO.0 through HSO.3
HSO.0-HSO.3
Pulled Down
Driven Low
Outputs
Port 1 (P1.0-P1.7)
PWM1; PWM2;
BREQ; HLDA; HOLD
P1.0-P1.7
Pulled Up
Pulled Up
Port 2 (P2.0)
TXD
TXD
Pulled Up
Driven High
Output
Port 2 (P2.1)
RXD
RXD
Undefined Input1
Undefined Input1
Port 2 (P2.2)
EXTINT
P2.2 and EXTINT
Undefined Input1
Undefined Input1
Port 2 (P2.3)
T2CLK
P2.3 and T2CLK
Undefined Input
1
Undefined Input
1
Port 2 (P2.4)
T2RST
P2.4
Undefined Input1
Undefined Input1


Similar Part No. - 5962R9858302VXA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962R9858001QXC AEROFLEX-5962R9858001QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858001VXC AEROFLEX-5962R9858001VXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858002QXC AEROFLEX-5962R9858002QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858002VXC AEROFLEX-5962R9858002VXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858003QXC AEROFLEX-5962R9858003QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
More results

Similar Description - 5962R9858302VXA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTS9513 ETC-CTS9513 Datasheet
236Kb / 28P
   5 Chan 16 bit 20MHz Counter/Timer
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com