Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U62256AS2A10 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # U62256AS2A10
Description  STANDARD 32K X 8 SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U62256AS2A10 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  U62256AS2A10 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U62256AS2A10 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U62256AS2A10 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U62256AS2A10 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U62256AS2A10 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U62256AS2A10 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U62256AS2A10 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U62256AS2A10 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U62256AS2A10 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
U62256A
April 20, 2004
11
!
32768x8 bit static CMOS RAM
!
Access times 70 ns, 100 ns
!
Common data inputs and
data outputs
!
Three-state outputs
!
Typ. operating supply current
70 ns: 50 mA
100 ns: 40 mA
!
TTL/CMOS-compatible
!
Automatical reduction of power
dissipation in long Read Cycles
!
Power supply voltage 5 V + 10 %
!
Operating temperature ranges
0 to 70 °C
-40 to 85 °C
-40 to 125 °C
!
QS 9000 Quality Standard
!
ESD protection > 2000 V
(MIL STD 883C M3015.7)
!
Latch-up immunity >100 mA
!
Packages: PDIP28 (600 mil)
SOP28 (330 mil)
Standard 32K x 8 SRAM
Features
The U62256A is a static RAM
manufactured using a CMOS pro-
cess technology with the following
operating modes:
- Read
- Standby
- Write
- Data Retention
The memory array is based on a
6-transistor cell.
The circuit is activated by the fal-
ling edge of E. The address and
control inputs open simultaneously.
According to the information of W
and G, the data inputs, or outputs,
are active. In a Read cycle, the
data outputs are activated by the
falling edge of G, afterwards the
data word read will be available at
the outputs DQ0-DQ7. After the
address change, the data outputs
go High-Z until the new information
read is available. The data outputs
have not preferred state.
The Read cycle is finished by the
falling edge of W, or by the rising
edge of E, respectively.
Data retention is guaranteed down
to 2 V. With the exception of E, all
inputs consist of NOR gates, so
that no pull-up/pull-down resistors
are required.
Description
Pin Configuration
1
A14
VCC
28
2
A12
W
27
4
A6
A8
25
5
A5
A9
24
3
A7
A13
26
6
A4
A11
23
7
A3
G
22
8
A2
A10
21
12
DQ1
DQ5
17
9
A1
E
20
10
A0
DQ7
19
11
DQ0
DQ6
18
13
DQ2
DQ4
16
14
VSS
DQ3
15
Top View
Signal Name
Signal Description
A0 - A14
Address Inputs
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Power Supply Voltage
VSS
Ground
Pin Description
PDIP
SOP


Similar Part No. - U62256AS2A10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
More results

Similar Description - U62256AS2A10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
logo
GSI Technology
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
   CMOS 32K x 8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com