Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9858302QXA Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # 5962R9858302QXA
Description  20MHz 16-bit Microcontroller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9858302QXA Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button 5962R9858302QXA Datasheet HTML 2Page - Aeroflex Circuit Technology 5962R9858302QXA Datasheet HTML 3Page - Aeroflex Circuit Technology 5962R9858302QXA Datasheet HTML 4Page - Aeroflex Circuit Technology 5962R9858302QXA Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9858302QXA Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9858302QXA Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9858302QXA Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9858302QXA Datasheet HTML 9Page - Aeroflex Circuit Technology 5962R9858302QXA Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Notes:
1. These pins must not be left floating. Input voltages must not exceed V DD during power-up.
2. Do not directly tie these pins to V DD or GND; if EDACEN goes low, they may be driven by the UT80CRH196KD and bus contention may occur.
Port 2 (P2.5)
PWM0
PWM0
Pulled Down
Driven Low Output
Port 2 (P2.6)
T2UP-DN
P2.6
Pulled Up
Pulled Up
Port 2 (P2.7)
T2CAPTURE
P2.7 and T2CAPTURE
Pulled Up
Pulled Up
EDACEN
EDACEN
Undefined Input1
Undefined Input1
ECB5
ECB5
Undefined I/O
1
Undefined I/O
1,2
READY
READY
Undefined Input1
Undefined Input1
BUSWIDTH
BUSWIDTH
Undefined Input1
Undefined Input1
BHE
WRH
BHE
Pulled Up
Driven Output
CLKOUT
CLKOUT
Driven Output
Driven Output
INST
INST
Pulled Down
Driven Output
RESET
RESET
Pulled Low by
System
Pulled Up
Table 9: External I/O Reset State
External I/O
I/O Function After Reset
I/O State During
Reset
I/O State After Reset


Similar Part No. - 5962R9858302QXA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962R9858001QXC AEROFLEX-5962R9858001QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858001VXC AEROFLEX-5962R9858001VXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858002QXC AEROFLEX-5962R9858002QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858002VXC AEROFLEX-5962R9858002VXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858003QXC AEROFLEX-5962R9858003QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
More results

Similar Description - 5962R9858302QXA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTS9513 ETC-CTS9513 Datasheet
236Kb / 28P
   5 Chan 16 bit 20MHz Counter/Timer
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com