Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4454B Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U4454B
Description  Quasi-Split-Sound Processing and AM-Demodulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4454B Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U4454B Datasheet HTML 1Page - TEMIC Semiconductors U4454B Datasheet HTML 2Page - TEMIC Semiconductors U4454B Datasheet HTML 3Page - TEMIC Semiconductors U4454B Datasheet HTML 4Page - TEMIC Semiconductors U4454B Datasheet HTML 5Page - TEMIC Semiconductors U4454B Datasheet HTML 6Page - TEMIC Semiconductors U4454B Datasheet HTML 7Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U4454B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A1, 23-Feb-96
3 (7)
Electrical Characteristics
Vs = 8 V, Tamb = 25°C, reference point Pin 4, unless otherwise stated
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
DC-supply
Pin 14
Supply voltage
Vs
6.8
8.0
13.0
V
Supply current
Is
45
55
mA
IF-amplifier
Pins 1–16
Input sensitivity
RMS value
change of output signal at
Pin 6: –3 dB
Vin
80
120
µVRMS
Input impedance
Rin
1.2
k
W
Input capacitance
Cin
2
pF
IF-AGC
Pins 5 and 7
IF gain control range
Gv
60
66
dB
AGC capacitor
C5
4.7
µF
Average capacitor
C7
0.33
1.0
mF
PLL
Pins 8–9, 11 and 12
see note 2
PLL capture range
Dfcap
±1.5
MHz
VCO-tuning range
Dfvco
3.0
MHz
VCO-tuning sensitivity
Df / Du
3.0
4.5
kHz/mV
FM-mode: Intercarrier mixer operation
Pin 6
see note 3
DC output voltage
V5 = 4.5 V, vin = 0
VDC
4.2
V
Output resistance
Rout
100
W
Sound IF output voltage
5.50 MHz output voltage
5.74 MHz output voltage
Vin = 10 mV
Vout
Vout
80
35
120
55
180
80
mVRMS
mVRMS
Weighted signal to noise
ratio: (CCIR 468)
Black screen: 1. Channel
2. Channel
Grid pattern: 1. Channel
2. Channel
Grey screen 50%:
1. Channel
2. Channel
ref. signal: vin =10 mV,
fdev =
"30 kHz,
fmod = 1 kHz,
measured with FM demo-
dulator U2831B,
standard B/G modulated IF
signal
(residual carrier 10%);
S/N
S/N
S/N
S/N
S/N
S/N
62
60
52
50
59
58
dB
dB
dB
dB
dB
dB


Similar Part No. - U4454B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4459B TEMIC-U4459B Datasheet
108Kb / 7P
   IF Amplifier for Cable DVB Processing
More results

Similar Description - U4454B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
   Quasi-Split Sound Circuit and AM Demodulator
logo
NXP Semiconductors
TDA3845 PHILIPS-TDA3845 Datasheet
137Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
logo
ATMEL Corporation
U4468B ATMEL-U4468B Datasheet
188Kb / 11P
   Quasi-split Sound Circuit and AM Demodulator IC
logo
TEMIC Semiconductors
TDA4445A TEMIC-TDA4445A Datasheet
117Kb / 8P
   Quasi Parallel Sound Processing with Quadrature Intercarrier Demodulator
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
logo
TEMIC Semiconductors
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com