Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-180RKIPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-180RKIPBF
Description  Phase Control Thyristors (Stud Version), 180 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-180RKIPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-180RKIPBF Datasheet HTML 1Page - Vishay Siliconix VS-180RKIPBF Datasheet HTML 2Page - Vishay Siliconix VS-180RKIPBF Datasheet HTML 3Page - Vishay Siliconix VS-180RKIPBF Datasheet HTML 4Page - Vishay Siliconix VS-180RKIPBF Datasheet HTML 5Page - Vishay Siliconix VS-180RKIPBF Datasheet HTML 6Page - Vishay Siliconix VS-180RKIPBF Datasheet HTML 7Page - Vishay Siliconix VS-180RKIPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VS-180RKI...PbF, VS-181RKI...PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 26-Sep-17
5
Document Number: 94382
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal impedance ZthJC Characteristics
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
1500
2000
2500
3500
3000
4000
94382_05
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
Pulse Train Duration (s)
0.1
1
0.01
1500
2000
2500
3500
3000
4000
94382_06
Maximum non-repetitive surge current
versus pulse train duration. Control of
conduction may not be maintained.
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
Instantaneous On-State Voltage (V)
0.5
1.0
1.5
2.0
2.5
3.0
100
10 000
1000
T
J = 125 °C
T
J = 25 °C
94382_07
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
94382_08
Steady state value
R
thJC = 0.15 K/W
(DC operation)


Similar Part No. - VS-180RKIPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-180RKIPBF VISHAY-VS-180RKIPBF Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
More results

Similar Description - VS-180RKIPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
180RKI40PBF VISHAY-180RKI40PBF_09 Datasheet
156Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 03-Nov-09
180RKI40PBF VISHAY-180RKI40PBF Datasheet
134Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 11-Aug-08
180RKI40 VISHAY-180RKI40 Datasheet
187Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 05-Jun-08
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com