Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGSU120-C1400 Datasheet(PDF) 9 Page - PAIRUI GROUP INC.

Part # LGSU120-C1400
Description  LED Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGSU120-C1400 Datasheet(HTML) 9 Page - PAIRUI GROUP INC.

Back Button LGSU120-C1400 Datasheet HTML 2Page - PAIRUI GROUP INC. LGSU120-C1400 Datasheet HTML 3Page - PAIRUI GROUP INC. LGSU120-C1400 Datasheet HTML 4Page - PAIRUI GROUP INC. LGSU120-C1400 Datasheet HTML 5Page - PAIRUI GROUP INC. LGSU120-C1400 Datasheet HTML 6Page - PAIRUI GROUP INC. LGSU120-C1400 Datasheet HTML 7Page - PAIRUI GROUP INC. LGSU120-C1400 Datasheet HTML 8Page - PAIRUI GROUP INC. LGSU120-C1400 Datasheet HTML 9Page - PAIRUI GROUP INC. LGSU120-C1400 Datasheet HTML 10Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PRODUCT SPECIFICATION
led power supplies
Package
L 620 x W 260 x H 185mm
Outer Carton
Inner Box
SERIES
QTY/BOX
QTY/CARTON
NET WEIGHT
GROSS WEIGHT
VOLUME
LGSU
-120C
1 piece
18 boxes
17.1kg/carton
19kg/carton
0.03CBM/carton
L 245 x W 102.5 x H 46mm
Updated 2016-V1.0-0720
www.pairuigroup.com
Page:8/9
PAIRUI ELECTRONICS
Dimming Function
PWM Dimming
LED DRIVER
DIM+
(Purple)
DIM-
(Grey)
10V PWM Signal
PWM Duty(%)


Similar Part No. - LGSU120-C1400

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGSU120-C1400-K3 PAIRUI-LGSU120-C1400-K3 Datasheet
817Kb / 10P
   LED Power Supplies
More results

Similar Description - LGSU120-C1400

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGEU-250CV PAIRUI-LGEU-250CV Datasheet
785Kb / 10P
   LED Power Supplies
LGSU-100C PAIRUI-LGSU-100C Datasheet
721Kb / 10P
   LED Power Supplies
LGSU-150C PAIRUI-LGSU-150C Datasheet
721Kb / 10P
   LED Power Supplies
LGEU-60CV PAIRUI-LGEU-60CV Datasheet
775Kb / 10P
   LED Power Supplies
LGCU-150C PAIRUI-LGCU-150C Datasheet
716Kb / 10P
   LED Power Supplies
LGEU-75CV PAIRUI-LGEU-75CV Datasheet
772Kb / 10P
   LED Power Supplies
LGCU-35C PAIRUI-LGCU-35C Datasheet
646Kb / 8P
   LED Power Supplies
LGCU-60C PAIRUI-LGCU-60C_19 Datasheet
716Kb / 9P
   LED Power Supplies
LGCU-120C PAIRUI-LGCU-120C_19 Datasheet
677Kb / 8P
   LED Power Supplies
LGSU-185C PAIRUI-LGSU-185C_19 Datasheet
834Kb / 10P
   LED Power Supplies
LGSU-250C PAIRUI-LGSU-250C_19 Datasheet
835Kb / 10P
   LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com