Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3004D2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3004D2
Description  12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3004D2 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3004D2 Datasheet HTML 1Page - Texas Instruments TPA3004D2 Datasheet HTML 2Page - Texas Instruments TPA3004D2 Datasheet HTML 3Page - Texas Instruments TPA3004D2 Datasheet HTML 4Page - Texas Instruments TPA3004D2 Datasheet HTML 5Page - Texas Instruments TPA3004D2 Datasheet HTML 6Page - Texas Instruments TPA3004D2 Datasheet HTML 7Page - Texas Instruments TPA3004D2 Datasheet HTML 8Page - Texas Instruments TPA3004D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TPA3004D2
SLOS407A – FEBRUARY 2003 – MARCH 2003
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL
1
www.ti.com
FEATURES
D 12-W/Ch Into an 8-Ω Load From 15-V Supply
D Efficient, Class-D Operation Eliminates
Heatsinks and Reduces Power Supply
Requirements
D 32-Step DC Volume Control From –40 dB
to 36 dB
D Line Outputs For External Headphone
Amplifier With Volume Control
D Regulated 5-V Supply Output for Powering
TPA6110A2
D Space-Saving, Thermally-Enhanced
PowerPAD
 Packaging
D Thermal and Short-Circuit Protection
APPLICATIONS
D LCD Monitors and TVs
D Powered Speakers
DESCRIPTION
The TPA3004D2 is a 12-W (per channel) efficient,
Class-D audio amplifier for driving bridged-tied stereo
speakers. The TPA3004D2 can drive stereo speakers
as low as 4
Ω. The high efficiency of the TPA3004D2
eliminates the need for external heatsinks when playing
music.
Stereo speaker volume is controlled with a dc voltage
applied to the volume control terminal offering a range
of gain from –40 dB to 36 dB. Line outputs, for driving
external headphone amplifier inputs, are also dc
voltage controlled with a range of gain from –56 dB to
20 dB.
An integrated 5-V regulated supply is provided for
powering an external headphone amplifier.
Cs
Cs
10 nF
Cbs
Cs
Cs
10 nF
Cbs
PVCC
PVCC
Cs
Cs
10 nF
Cbs
Cs
Cs
10 nF
Cbs
PVCC
PVCC
220 pF
Cosc
Rosc
Ccpl
100 nF
Cvdd
Ccpr
Crinp
Crinn
Clinn
Clinp
LINP
LINN
RINN
RINP
SYSTEM CONTROL
VOL
VARDIFF
VARMAX
TPA3004D2
VCLAMPR
SD
V2P5
RINP
LINN
LINP
AVDDREF
VREF
VARDIFF
VARMAX
VOLUME
REFGND
MODE
MODE_OUT
VAROUTR
VAROUTL
AVDD
AGND
COSC
ROSC
AVCC
VCLAMPL
RINN
AVDD
AVCC
C2p5
FADE
10
µF
10
µF
0.1
µF
0.1
µF
1
µF
1
µF
1
µF
1
µF
1
µF
0.1
µF
0.1
µF
10
µF
10
µF
1
µF
120 k
1
µF
10 k
10 k
Cs
0.1
µF
Cvcc
10
µF
MODE_OUT
RLINE_OUT
LLINE_OUT
SYSTEM CONTROL
SYSTEM CONTROL
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TPA3004D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3004D2 TI-TPA3004D2 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHP TI-TPA3004D2PHP Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHPG4 TI-TPA3004D2PHPG4 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHPR TI-TPA3004D2PHPR Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHPRG4 TI-TPA3004D2PHPRG4 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TPA3004D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com