Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4645EN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4645EN
Description  Infrared Illumination for cameras
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4645EN Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4645EN Datasheet HTML 1Page - OSRAM GmbH SFH4645EN Datasheet HTML 2Page - OSRAM GmbH SFH4645EN Datasheet HTML 3Page - OSRAM GmbH SFH4645EN Datasheet HTML 4Page - OSRAM GmbH SFH4645EN Datasheet HTML 5Page - OSRAM GmbH SFH4645EN Datasheet HTML 6Page - OSRAM GmbH SFH4645EN Datasheet HTML 7Page - OSRAM GmbH SFH4645EN Datasheet HTML 8Page - OSRAM GmbH SFH4645EN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2018-02-05
1
2018-02-05
Narrow beam LED in MIDLED package (940 nm)
Version 1.9
SFH 4645
Ordering Information
Features:
High Power Infrared LED (55 mW)
Short switching times
Narrow halfangle (± 15°)
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Taping as Sidelooker
Also available as Toplooker (SFH4640)
Applications
Infrared Illumination for cameras
Data transmission
Automotive technology
Remote control
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F= 100 mA, tp= 20 ms
SFH 4645
80 (≥ 40)
Q65110A9367
SFH 4645-UV
40 ... 125
Q65110A9606
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH4645EN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4645 OSRAM-SFH4645 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
SFH4645 OSRAM-SFH4645 Datasheet
496Kb / 13P
   Narrow beam LED in MIDLED package
SFH4645-UV OSRAM-SFH4645-UV Datasheet
496Kb / 13P
   Narrow beam LED in MIDLED package
More results

Similar Description - SFH4645EN

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
P16-1MP-M12-IR MOXA-P16-1MP-M12-IR Datasheet
676Kb / 5P
   EN 50155, HD image, infrared IP cameras
P16-2MR MOXA-P16-2MR Datasheet
692Kb / 6P
   EN 50155, 1080P image, infrared IP cameras
logo
List of Unclassifed Man...
FLK-TI400 ETC2-FLK-TI400 Datasheet
3Mb / 3P
   Ti400, Ti300 and Ti200 Advanced Performance Infrared Cameras
logo
Sony Corporation
CXD8302Q SONY-CXD8302Q Datasheet
183Kb / 10P
   PLL for CCD Cameras
logo
List of Unclassifed Man...
701946-6WXLP1 ETC2-701946-6WXLP1 Datasheet
243Kb / 1P
   Side illumination for shallow light boxes
logo
Panasonic Semiconductor
MN6732741 PANASONIC-MN6732741 Datasheet
223Kb / 15P
   Signal-processing IC for surveillance cameras and cameras for PC input
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Rohm
BD2802GU ROHM-BD2802GU Datasheet
553Kb / 28P
   6LEDs Illumination
logo
Panasonic Semiconductor
AN30259C PANASONIC-AN30259C Datasheet
509Kb / 34P
   3-ch. LED Driver for illumination
logo
Rohm
BP5845W ROHM-BP5845W Datasheet
454Kb / 3P
   High-power LED Drivers for Illumination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com