Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK1501 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1501
Description  0.6 TO 1.5 GBPS TRANCEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1501 Datasheet(HTML) 4 Page - Texas Instruments

  TLK1501 Datasheet HTML 1Page - Texas Instruments TLK1501 Datasheet HTML 2Page - Texas Instruments TLK1501 Datasheet HTML 3Page - Texas Instruments TLK1501 Datasheet HTML 4Page - Texas Instruments TLK1501 Datasheet HTML 5Page - Texas Instruments TLK1501 Datasheet HTML 6Page - Texas Instruments TLK1501 Datasheet HTML 7Page - Texas Instruments TLK1501 Datasheet HTML 8Page - Texas Instruments TLK1501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TLK1501
0.6 TO 1.5 GBPS TRANSCEIVER
SLLS428F − JUNE 2000 − REVISED JANUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
block diagram
LOOPEN
DINRXN
DINRXP
BIAS
RREF
PRBSEN
Recovered
Clock
DOUTTXP
DOUTTXN
RX_CLK
RX_DV/LOS
RX_ER
PRBS_PASS
TX_EN
TD(0−15)
8
8
RD(0−15)
PRBS
Verification
Multiplying
Clock
Synthesizer
Interpolator and
Clock Recovery
ENABLE
10
PRBSEN
PRBSEN
TX_ER
PRBSEN
TESTEN
10
10
Controls:
PLL,Bias,Rx,
Tx
PRBS
Generator
MUX
GTX_CLK
2:1
MUX
Parallel to
Serial
10
2:1
MUX
2:1
MUX
Serial to
Parallel
10
1:2
MUX
10
10
8
8
2:1
MUX
Data
Comma
Detect
and 8B/10B
Decoding
10
Bit
Clock
Bit
Clock
Comma
Detect
and 8B/10B
Decoding
Signal Detect
(LOS)
Figure 1. TLK1501 Block Diagram


Similar Part No. - TLK1501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1501IRCP TI1-TLK1501IRCP Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK1501IRCPG4 TI1-TLK1501IRCPG4 Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK1501IRCPR TI1-TLK1501IRCPR Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK1501IRCPRG4 TI1-TLK1501IRCPRG4 Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
More results

Similar Description - TLK1501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1501 TI1-TLK1501_12 Datasheet
1,004Kb / 32P
[Old version datasheet]   0.6 TO 1.5 GBPS TRANSCEIVER
TLK4015 TI1-TLK4015_09 Datasheet
437Kb / 26P
[Old version datasheet]   QUAB 0.6 to 1.5 Gbps TRANSCEIVER
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
[Old version datasheet]   QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK2501IRCPRG4 TI1-TLK2501IRCPRG4 Datasheet
1,002Kb / 31P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2501 TI-TLK2501 Datasheet
387Kb / 25P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
logo
Lattice Semiconductor
ORT42G5 LATTICE-ORT42G5 Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORSO42G5 LATTICE-ORSO42G5 Datasheet
1Mb / 153P
   0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
logo
Bothhand USA, LP.
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
B4-0503DS BOTHHAND-B4-0503DS Datasheet
218Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com