Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62726AF Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB62726AF
Description  TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62726AF Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB62726AF Datasheet HTML 2Page - Toshiba Semiconductor TB62726AF Datasheet HTML 3Page - Toshiba Semiconductor TB62726AF Datasheet HTML 4Page - Toshiba Semiconductor TB62726AF Datasheet HTML 5Page - Toshiba Semiconductor TB62726AF Datasheet HTML 6Page - Toshiba Semiconductor TB62726AF Datasheet HTML 7Page - Toshiba Semiconductor TB62726AF Datasheet HTML 8Page - Toshiba Semiconductor TB62726AF Datasheet HTML 9Page - Toshiba Semiconductor TB62726AF Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TOSHIBA
TB62726AN, TB62726AF
Electrical characteristics ( VDD=3V to 5.5V, Topr=25degree unless otherwise noted.)
Characteristics
Symbol
Condition
Min
Typ
Max
Unit
Supply voltage
VDD
Normal operation
3.0
-
5.5
V
Output current
IOUT1
VOUT=0.4V,VDD=3.3V
IOUT2
VOUT=0.4V,VDD=5V
REXT=
490 ohm
31.96
36.20
40.54
31.59
35.90
40.20
IOUT3
VOUT=0.7V,VDD=3.3V
IOUT4
VOUT=0.7V,VDD=5V
REXT=
250 ohm
63.63
72.30
80.97
62.75
71.30
79.95
mA
Output current
error between bits
dIOUT1
VOUT=0.4V,
REXT=490 ohm
dIOUT2
VOUT=0.4V,
REXT=250 ohm
All output ON
-
+/-1
+/-4
%
Output leakage
Current Input voltage
IOZ
VOUT=15V
-
-
1
µA
Input voltage
VIN
-
0.7VDD
-
VDD
-
GND
-
0.3VDD
V
SOUT terminal
Voltage
VOL
IOL=+1 mA, Vdd=3.3V
-
-
0.3
IOL=+1 mA, Vdd=5V
-
-
0.3
VOH
IOH=-1 mA, Vdd=3.3V
. 3
-
-
IOH=+1 mA,Vdd=5V
4.7
-
-
V
Output current
supply voltage
regulation
%/VDD
When VDD is changed 3V to 5.5V
-
-1
-5
%/V
Pull up resistor
R(UP)
ENABLE terminal
Pull down resistor
R(DOWN)
LATCH terminal
. 115
230
460
Supply current
IDD(OFF)1
REXT=Open, VOUT=15V
-
0.1
0.5
IDD(OFF)2
REXT=490ohm
IDD(OFF)3
REXT=250ohm
All output OFF,
VOUT=15V
.1
3.5
5
.4
6
9
IDD(ON)1
REXT=490ohm
All output ON,
VOUT=0.7V
-
9
15
Ta= -40degree,
Same as the avobe.
-
-
20
IDD(ON)2
REXT=250ohm
All output ON,
VOUT=0.7V
-
18
25
Ta= -40 degree,
Same as the avobe.
-
-
40
Ohm
TB62726AN, TB62726AF (Ver.5) 2002, Nov. 20
th
page 6/16


Similar Part No. - TB62726AF

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62726AFG MARKTECH-TB62726AFG Datasheet
389Kb / 17P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Toshiba Semiconductor
TB62726AFG TOSHIBA-TB62726AFG Datasheet
251Kb / 19P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Marktech Corporate
TB62726AFG MARKTECH-TB62726AFG Datasheet
585Kb / 18P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
More results

Similar Description - TB62726AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1245N TOSHIBA-TB1245N Datasheet
1Mb / 101P
   TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB9067FNG TOSHIBA-TB9067FNG Datasheet
3Mb / 31P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-05
TB31262F TOSHIBA-TB31262F Datasheet
273Kb / 26P
   TOSHIBA Bi- CMOS Integrated Circuit Silicon Monolithic
logo
Marktech Corporate
TB62713N MARKTECH-TB62713N Datasheet
770Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB32301 TOSHIBA-TB32301 Datasheet
1Mb / 17P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9058FNG TOSHIBA-TB9058FNG Datasheet
676Kb / 45P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-22
logo
Marktech Corporate
TB62747AFG MARKTECH-TB62747AFG_15 Datasheet
317Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB6585FG TOSHIBA-TB6585FG Datasheet
492Kb / 29P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9062FNG TOSHIBA-TB9062FNG Datasheet
858Kb / 30P
   Toshiba Bi-CMOS integrated circuit silicon monolithic
2019-08-05
TB6605FTG TOSHIBA-TB6605FTG Datasheet
1Mb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2015-04-23
TB9061AFNG TOSHIBA-TB9061AFNG Datasheet
678Kb / 33P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com