Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62726AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB62726AF
Description  TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62726AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB62726AF Datasheet HTML 1Page - Toshiba Semiconductor TB62726AF Datasheet HTML 2Page - Toshiba Semiconductor TB62726AF Datasheet HTML 3Page - Toshiba Semiconductor TB62726AF Datasheet HTML 4Page - Toshiba Semiconductor TB62726AF Datasheet HTML 5Page - Toshiba Semiconductor TB62726AF Datasheet HTML 6Page - Toshiba Semiconductor TB62726AF Datasheet HTML 7Page - Toshiba Semiconductor TB62726AF Datasheet HTML 8Page - Toshiba Semiconductor TB62726AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TOSHIBA
TB62726AN, TB62726AF
Absolute maximum ratings
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD
+6
Input Voltage
VIN
-0.2 to VDD+0.2
V
Output Current
IOUT
+90
mA/ch
Output Voltage
VOUT
-0.2 to 17
V
Power Dissipation
Pd1
AN type : 1.25(Free air), 1.78(On PCB)
Pd2
AF type : 0.83(Free air), 1.00(On PCB)
W
Thermal Resistance
Rth(j-a)1
AN type : 104(Free air), 70(On PCB)
Rth(j-a)2
AF type : 140(Free air), 120(On PCB)
degree/W
Operating Temperature
Topr
-40 to 85
Storage Temperature
Tstg
-55 to 150
degree
Note 3: AN-type: Powers dissipation is derated by 14.28 mW/degree if device is mounted on PCB and
ambient temperature is above 25 degree.
FN-type: Powers dissipation is derated by 6.67 mW/degree if device is mounted on PCB and
ambient temperature is above 25 degrees.
With devide monuted on glass-epoxy PCB of less than 40% Cu and of dimensions
50mm x 50 mm x 1.6mm.
Recommended operating condition ( Topr = -40~85 degree, unless otherwise noted. )
Characteristics
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage
VDD
-
3
-
5.5
V
Output Voltage
VOUT(On)
-
-
0.7
4
V
Output Current
IOUT
Each DC 1 Circuit
2
-
80
mA/ch
IOH
IOL
SERIAL-OUT
-
-
-1
-
-
1
mA
Input Voltage
VIH
VIL
-
0.7VDD
-
VDD+0.15
-0.15
-
0.3xVDD
V
Clock Frequency
fCLK
LATCH Pulse Width
tw LATCH
CLOCK Pulse Width
tw CLOCK
Cascade Connected
-
-
20
MHz
50
-
-
25
-
-
ENABLE Pulse Width
When the pulse of the Low
level is inputted to
the ENABLE terminal held
in the H level.
tw ENABLE
Upper IOUT=20mA
2000
-
-
Lower IOUT=20 mA
3000
-
-
ns
Setup Time
for CLOCK Terminal
t SETUP1
Hold Time
for CLOCK Terminal
t HOLD
Setup Time
for /LATCH Terminal
t SETUP2
-
10
-
-
10
-
-
50
-
-
Note 4: When the pulse of the “L” level is inputted to the ENABLE terminal held in the “H” level.
TB62726AN, TB62726AF (Ver.5) 2002, Nov. 20
th
page 5/16


Similar Part No. - TB62726AF

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62726AFG MARKTECH-TB62726AFG Datasheet
389Kb / 17P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Toshiba Semiconductor
TB62726AFG TOSHIBA-TB62726AFG Datasheet
251Kb / 19P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Marktech Corporate
TB62726AFG MARKTECH-TB62726AFG Datasheet
585Kb / 18P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
More results

Similar Description - TB62726AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1245N TOSHIBA-TB1245N Datasheet
1Mb / 101P
   TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB9067FNG TOSHIBA-TB9067FNG Datasheet
3Mb / 31P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-05
TB31262F TOSHIBA-TB31262F Datasheet
273Kb / 26P
   TOSHIBA Bi- CMOS Integrated Circuit Silicon Monolithic
logo
Marktech Corporate
TB62713N MARKTECH-TB62713N Datasheet
770Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB32301 TOSHIBA-TB32301 Datasheet
1Mb / 17P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9058FNG TOSHIBA-TB9058FNG Datasheet
676Kb / 45P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-22
logo
Marktech Corporate
TB62747AFG MARKTECH-TB62747AFG_15 Datasheet
317Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB6585FG TOSHIBA-TB6585FG Datasheet
492Kb / 29P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9062FNG TOSHIBA-TB9062FNG Datasheet
858Kb / 30P
   Toshiba Bi-CMOS integrated circuit silicon monolithic
2019-08-05
TB6605FTG TOSHIBA-TB6605FTG Datasheet
1Mb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2015-04-23
TB9061AFNG TOSHIBA-TB9061AFNG Datasheet
678Kb / 33P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com