Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016M10FAIR20 Datasheet(PDF) 4 Page - SPANSION

Part # S29AL016M10FAIR20
Description  16 MEGABIT (2M X 8 BIT / I M X 16 BIT) 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016M10FAIR20 Datasheet(HTML) 4 Page - SPANSION

  S29AL016M10FAIR20 Datasheet HTML 1Page - SPANSION S29AL016M10FAIR20 Datasheet HTML 2Page - SPANSION S29AL016M10FAIR20 Datasheet HTML 3Page - SPANSION S29AL016M10FAIR20 Datasheet HTML 4Page - SPANSION S29AL016M10FAIR20 Datasheet HTML 5Page - SPANSION S29AL016M10FAIR20 Datasheet HTML 6Page - SPANSION S29AL016M10FAIR20 Datasheet HTML 7Page - SPANSION S29AL016M10FAIR20 Datasheet HTML 8Page - SPANSION S29AL016M10FAIR20 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
5S29AL016M
S29AL016M_00A4 April 21, 2004
Product Selector Guide
Notes:
1. See “AC Characteristics” for full specifications.
2. Contact sales office or representative for availability and ordering information.
Block Diagram
Family Part Number
S29AL016M
Speed Option
Full Voltage Range: VCC = 2.7–3.6 V
90
100
Max access time (ns)
90
100
Max CE# access time (ns)
90
100
Max OE# access time (ns)
25
25
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
BYTE#
CE#
OE#
STB
STB
DQ15–DQ0 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A19–A0


Similar Part No. - S29AL016M10FAIR20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016M10FAIR20 SPANSION-S29AL016M10FAIR20 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
More results

Similar Description - S29AL016M10FAIR20

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com