Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15V8M16A-100C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T15V8M16A-100C
Description  512K X 16 LOW POWER CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

T15V8M16A-100C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T15V8M16A-100C Datasheet HTML 1Page - List of Unclassifed Manufacturers T15V8M16A-100C Datasheet HTML 2Page - List of Unclassifed Manufacturers T15V8M16A-100C Datasheet HTML 3Page - List of Unclassifed Manufacturers T15V8M16A-100C Datasheet HTML 4Page - List of Unclassifed Manufacturers T15V8M16A-100C Datasheet HTML 5Page - List of Unclassifed Manufacturers T15V8M16A-100C Datasheet HTML 6Page - List of Unclassifed Manufacturers T15V8M16A-100C Datasheet HTML 7Page - List of Unclassifed Manufacturers T15V8M16A-100C Datasheet HTML 8Page - List of Unclassifed Manufacturers T15V8M16A-100C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TE
CH
tm
Preliminary T15V8M16A
Taiwan Memory Technology, Inc. reserves the right
P. 2
Publication Date: JAN. 2000
to change products or specifications without notice.
Revision:0.A
PIN CONFIGURATIONS
TSOP-II
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A4
A3
A2
A1
A0
CE
I/O1
I/O2
I/O3
I/O4
VCC
VSS
I/O5
I/O6
I/O7
I/O8
WE
A16
A15
A14
A13
A12
A5
A6
A7
OE
UB
LB
I/O16
I/O15
I/O14
I/O13
VSS
VCC
I/O12
I/O11
I/O10
I/O9
A18
A8
A9
A10
A11
A17
LB
OE
I/O9
VCC
VSS
I/O10
I/O15
I/O16
A18
A8
A14
NC
A15
A12
A13
A9
A10
WE
A11
NC
I/O8
I/O7
A6
NC
VCC
VSS
UB
I/O3
I/O1
A0
A1
A2
CE
A4
A3
A5
A
6
5
4
3
2
1
H
G
F
E
D
C
B
I/O11
I/O12
I/O13
I/O14
A17
NC
A7
A16
I/O2
I/O4
I/O5
I/O6
48-Ball CSP
TOP VIEW (Ball Down)
PIN DESCRIPTIONS
SYMBOL DESCRIPTIONS
SYMBOL DESCRIPTIONS
A0 ~ A18
Address inputs
LB
Lower byte (I/O 1~8)
I/O0~I/O16 Data inputs/outputs
UB
Upper byte (I/O 9~16)
CE
Chip enable
VCC
Power supply
WE
Write enable input
VSS
Ground
OE
Output enable input
NC
No connection


Similar Part No. - T15V8M16A-100C

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15V256A TMT-T15V256A Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
T15V256A-70D TMT-T15V256A-70D Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15V256A-70D TMT-T15V256A-70D Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
T15V256A-70DI TMT-T15V256A-70DI Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
More results

Similar Description - T15V8M16A-100C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V4M08A TMT-T15V4M08A Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1048L PYRAMID-P4C1048L Datasheet
156Kb / 12P
   LOW POWER 512K x 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY62157CV25 CYPRESS-CY62157CV25 Datasheet
277Kb / 13P
   512K x 16 Static RAM
CY62157CV30 CYPRESS-CY62157CV30 Datasheet
340Kb / 13P
   512K x 16 Static RAM
CY62157CV18 CYPRESS-CY62157CV18 Datasheet
264Kb / 11P
   512K x 16 Static RAM
logo
Sharp Corporation
LH5P1632 SHARP-LH5P1632 Datasheet
89Kb / 10P
   CMOS 512K (32K x 16) Pseudo-Static RAM
logo
Integrated Circuit Solu...
IC62VV51216L ICSI-IC62VV51216L Datasheet
273Kb / 12P
   512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Emerging Memory & Logic...
EM681FV16A EMLSI-EM681FV16A Datasheet
385Kb / 10P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com