Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQAW150-110S30RH3 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCQAW150-110S30RH3
Description  Up to 132 Watts Quarter-Brick DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQAW150-110S30RH3 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCQAW150-110S30RH3 Datasheet HTML 1Page - Wall Industries,Inc. DCQAW150-110S30RH3 Datasheet HTML 2Page - Wall Industries,Inc. DCQAW150-110S30RH3 Datasheet HTML 3Page - Wall Industries,Inc. DCQAW150-110S30RH3 Datasheet HTML 4Page - Wall Industries,Inc. DCQAW150-110S30RH3 Datasheet HTML 5Page - Wall Industries,Inc. DCQAW150-110S30RH3 Datasheet HTML 6Page - Wall Industries,Inc. DCQAW150-110S30RH3 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev D
DCQAW150 SERIES
Up to 132 Watts
Quarter-Brick DC/DC Converters
09/19/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 7
Size:
2.28 x 1.45 x 0.50 inches
(57.9 x 36.8 x 12.7 mm)
Applications:
Railway Systems
Automation
Telecom/Datacom
Industry Control Systems
IPC
Measurement
FEATURES
Soft Start
Single Outputs
Input Under Voltage Protection
High Efficiency up to 90%
Remote ON/OFF Control
4:1 Ultra Wide Input Voltage Ranges
No Minimum Load Required
Low Stand-by Power Consumption
Industry Standard Quarter-brick
Package
Up to 132 Watts Maximum Output Power
2250VDC I/O Basic Insulation
Short Circuit, Over Voltage, Over Load, & Over Temp. Protection
UL60950-1, EN60950-1, IEC60950-1, EN45545-2 & EN50155
Safety Approvals
CE Marked
Compliant to RoHS II & REACH
Optional Heatsinks Available
Threaded (Standard) or Thru-Hole (Optional) Inserts Available
Railway Applications
DESCRIPTION
The DCQAW150 series of DC/DC power converters provides up to 132 Watts of output power in a 2.28” x
1.45” x 0.5” industry standard quarter-brick package. This series has single output models with 4:1 wide input
voltage ranges of 8.5-36VDC, 16.5-75VDC, and 40-160VDC. Some features include high efficiency up to 90%,
2250VDC I/O basic insulation, and remote ON/OFF control. These converters are also protected against input
under voltage, short circuit, over voltage, over load, and over temperature conditions. All models are RoHS
compliant and have UL60950-1, EN60950-1, IEC60950-1, EN45545-2 and EN50155 safety approvals. Several
different options are available for this series including negative logic remote ON/OFF, heatsinks, and thru-hole
inserts.
MODEL SELECTION TABLE
Model Number
Input Voltage
Output
Voltage
Output Current
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load
Max Load
DCQAW150-24S33
24 VDC
(8.5 - 36 VDC)
3.3 VDC
0mA
30A
75mVp-p
25mA
99W
88%
91,000µF
DCQAW150-24S05
5 VDC
0mA
24A
75mVp-p
25mA
120W
89%
48,000µF
DCQAW150-24S12
12 VDC
0mA
10A
100mVp-p
25mA
120W
88%
8300µF
DCQAW150-24S15
15 VDC
0mA
8A
100mVp-p
25mA
120W
89%
5300µF
DCQAW150-24S24
24 VDC
0mA
5A
200mVp-p
25mA
120W
88%
2100µF
DCQAW150-24S30
30 VDC
0mA
4A
200mVp-p
25mA
120W
89%
1300µF
DCQAW150-24S48
48 VDC
0mA
2.5A
300mVp-p
25mA
120W
88%
520µF
DCQAW150-48S33
48 VDC
(16.5 - 75
VDC)
3.3 VDC
0mA
30A
75mVp-p
15mA
99W
88%
91,000µF
DCQAW150-48S05
5 VDC
0mA
24A
75mVp-p
15mA
120W
89%
48,000µF
DCQAW150-48S12
12 VDC
0mA
10A
100mVp-p
15mA
120W
89%
8300µF
DCQAW150-48S15
15 VDC
0mA
8A
100mVp-p
15mA
120W
90%
5300µF
DCQAW150-48S24
24 VDC
0mA
5A
200mVp-p
15mA
120W
90%
2100µF
DCQAW150-48S30
30 VDC
0mA
4A
200mVp-p
15mA
120W
90%
1300µF
DCQAW150-48S48
48 VDC
0mA
2.5A
300mVp-p
15mA
120W
90%
520µF
DCQAW150-110S33
110 VDC
(40 - 160 VDC)
3.3 VDC
0mA
30A
75mVp-p
8mA
99W
88%
91,000µF
DCQAW150-110S05
5 VDC
0mA
24A
75mVp-p
8mA
120W
89%
48,000µF
DCQAW150-110S12
12 VDC
0mA
11A
100mVp-p
8mA
132W
88%
9170µF
DCQAW150-110S15
15 VDC
0mA
8.6A
100mVp-p
8mA
129W
89%
5730µF
DCQAW150-110S24
24 VDC
0mA
5.5A
200mVp-p
8mA
132W
89%
2290µF
DCQAW150-110S30
30 VDC
0mA
4.4A
200mVp-p
8mA
132W
89%
1470µF
DCQAW150-110S48
48 VDC
0mA
2.7A
300mVp-p
8mA
129.6W
89%
560µF
NOTES
1. Input Source Impedance: The power modules will operate to specifications without external components, assuming that the source voltage has very low
impedance and reasonable input voltage regulation. Highly inductive source impedances can affect the stability of the power module. Since real-world
voltage sources have finite impedance, performance is improved by adding an external filter capacitor.
- For 24VDC & 48VDC input models we recommend using Nippon Chemi-con KY series, 100µF/100V.
- For 110VDC input models we recommend using Ruby-con BXF series, 39µF/200V.
2. If remote sense is not being used, sense pins should connect to the output pins with same polarity.
3. The DCQAW150 series can only meet EMI Class A or Class B with external components added. Please contact factory for more information.
4. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
- For 24VDC & 48VDC input models we recommend with 2pcs of aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V)
- For 110VDC input models we recommend with 3pcs of aluminum electrolytic capacitor (Ruby-con BXF series, 100µF/250V).
5. Both positive logic and negative logic remote ON/OFF control is available. Positive logic remote ON/OFF comes standard; for negative logic remote
ON/OFF add the suffix “R” to the model number (Ex: DCQAW150-48S24R).
6. Optional heatsinks available. See page 5 for ordering details.
7. M3 x 0.5 threaded-thru inserts come standard. For Ø.126 thru-hole inserts add the suffix “TH” to the model number (Ex: DCQAW150-48S24TH). Models
with thru-hole inserts cannot be equipped with a heatsink.
8. BASE-PLATE GROUNDING: EMI can be reduced when you connect two screw bolts to shield plane.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - DCQAW150-110S30RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCQAW100-110S05 WALL-DCQAW100-110S05 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCQAW100-110S05RH WALL-DCQAW100-110S05RH Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCQAW100-110S05RH1 WALL-DCQAW100-110S05RH1 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCQAW100-110S05RH2 WALL-DCQAW100-110S05RH2 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQAW150-110S30RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com