Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQA150-48S30RH3 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCQA150-48S30RH3
Description  Up to 150 Watts, Quarter-Brick DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQA150-48S30RH3 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCQA150-48S30RH3 Datasheet HTML 1Page - Wall Industries,Inc. DCQA150-48S30RH3 Datasheet HTML 2Page - Wall Industries,Inc. DCQA150-48S30RH3 Datasheet HTML 3Page - Wall Industries,Inc. DCQA150-48S30RH3 Datasheet HTML 4Page - Wall Industries,Inc. DCQA150-48S30RH3 Datasheet HTML 5Page - Wall Industries,Inc. DCQA150-48S30RH3 Datasheet HTML 6Page - Wall Industries,Inc. DCQA150-48S30RH3 Datasheet HTML 7Page - Wall Industries,Inc. DCQA150-48S30RH3 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev C
DCQA150 SERIES
Up to 150 Watts, Quarter-Brick DC/DC
Converters
11/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 8
SPECIFICATIONS: DCQA150 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Full Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
12VDC nominal input models
8.5
12
22
VDC
24VDC nominal input models
16.5
24
36
48VDC nominal input models
33
48
75
Start-Up Voltage
12VDC nominal input models
9
VDC
24VDC nominal input models
18
48VDC nominal input models
36
Shutdown Voltage
12VDC nominal input models
7.3
7.7
8.1
VDC
24VDC nominal input models
15.5
15.9
16.3
48VDC nominal input models
31.6
32
32.5
Input Surge Voltage (1sec, max.)
12VDC nominal input models
30
VDC
24VDC nominal input models
50
48VDC nominal input models
100
Input Current
No Load
See Table
Input Filter (See Note 1)
Pi type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
-0.1
+0.1
%
Load Regulation
No load to full load
3.3V & 5V Output Models
-0.2
+0.2
%
Others
-0.1
+0.1
Voltage Adjustability
Maximum output deviation is inclusive of remote sense
-20
+10
%
Remote Sense (See Note 2)
% of Vo (nom)
10
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise (20MHz BW)
Measured with a 22µF/25V X7R MLCC
3.3V & 5V Output Models
75
mVp-p
Measured with a 22µF/25V X7R MLCC
12V & 15V Output Models
100
Measured with a 4.7µF/50V X7R MLCC
24V & 30V Output Models
200
Measured with a 2.2µF/100V X7R MLCC
48V Output Models
300
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Constant resistive load
Power Up
75
100
ms
Remote On/Off
75
100
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Load Protection
% of rated Iout; hiccup mode
110
140
%
Over Voltage Protection
% of Vo (nom); hiccup mode
115
130
%
Over Temperature Protection
+110
°C
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
270
300
330
kHz
Isolation Voltage
1 minute (basic insulation)
Input to Output
2250
VDC
Input/Output to Base-plate
2250
VDC
Isolation Resistance
500VDC
1
Isolation Capacitance
1500
pF
REMOTE ON/OFF (See Note 5)
Positive Logic (standard)
Referenced to –Input pin
DC/DC ON
Open or 3~12 VDC
VDC
DC/DC OFF
Short or 0~1.2VDC
Negative Logic (optional)
Referenced to –Input pin
DC/DC ON
Short or 0~1.2 VDC
VDC
DC/DC OFF
Open or 3~12VDC
Input Current of Remote Control Pin
Nominal Vin
-0.5
1
mA
Remote OFF State Input Current
Nominal Vin
3
mA


Similar Part No. - DCQA150-48S30RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05 WALL-DCQA100-12S05 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH WALL-DCQA100-12S05RH Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH1 WALL-DCQA100-12S05RH1 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQA100-12S05RH2 WALL-DCQA100-12S05RH2 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQA150-48S30RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com