Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQA100-12S48RH3 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCQA100-12S48RH3
Description  Up to 108 Watts, Quarter-Brick DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQA100-12S48RH3 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCQA100-12S48RH3 Datasheet HTML 1Page - Wall Industries,Inc. DCQA100-12S48RH3 Datasheet HTML 2Page - Wall Industries,Inc. DCQA100-12S48RH3 Datasheet HTML 3Page - Wall Industries,Inc. DCQA100-12S48RH3 Datasheet HTML 4Page - Wall Industries,Inc. DCQA100-12S48RH3 Datasheet HTML 5Page - Wall Industries,Inc. DCQA100-12S48RH3 Datasheet HTML 6Page - Wall Industries,Inc. DCQA100-12S48RH3 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev C
DCQA100 SERIES
Up to 108 Watts, Quarter-Brick DC/DC Converters
11/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 7
THERMAL CONSIDERATION
This power module operates in a variety of thermal environments.
However, sufficient cooling should be provided to help ensure reliable operation of the unit.
Heat is removed by conduction, convection, and radiation to the surrounding environment.
Proper cooling can be verified by measuring the point in the figure below.
The temperature at this location should not exceed 105ºC.
When operating, adequate cooling must be provided to maintain the test point temperature at or below 105ºC.
Although the maximum point, temperature of the power modules is 105ºC, you can limit this temperature to a lower value for extremely high reliability.
■ Thermal test condition with vertical direction by national convection (20LFM)
■ The iron base-plate dimension is 19” x 3.5” x 0.063” (the height is EIA standard 2U)
■ The heat-sink is optional and P/N: 7G-0029B-F, 7G-0030B-F, 7G-0031B-F, 7G-0032B-F
BASE PLATE
MODEL NUMBER SETUP
DCQA
100
-
48
S
05
R
H (1)
Series Name
Output Power
Input Voltage
Output Quantity
Output Voltage
Remote ON/OFF
Hole Thread & Heatsink Options
100:
100
Watts
12: 8.5~22 VDC
S: Single Output
33: 3.3 VDC
None: Positive Logic
None:
M3x0.5 Threaded-thru
Inserts
24: 16.5~36 VDC
05: 5 VDC
R: Negative Logic
TH: Ø.126 Thru-hole Inserts (1)
48: 33~75 VDC
12: 12 VDC
H: 0.24” Horizontal Heatsink
15: 15 VDC
H1: 0.5” Horizontal Heatsink
24: 24 VDC
H2: 0.24” Vertical Heatsink
30: 30 VDC
H3: 0.5” Vertical Heatsink
48: 48 VDC
(1) Models with thru-hole inserts cannot be equipped with a heatsink.
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example
of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for
your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCQA100-12S48RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05 WALL-DCQA150-12S05 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05RH WALL-DCQA150-12S05RH Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05RH1 WALL-DCQA150-12S05RH1 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05RH2 WALL-DCQA150-12S05RH2 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQA100-12S48RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com