Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQA100-12S24RH3 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCQA100-12S24RH3
Description  Up to 108 Watts, Quarter-Brick DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQA100-12S24RH3 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCQA100-12S24RH3 Datasheet HTML 1Page - Wall Industries,Inc. DCQA100-12S24RH3 Datasheet HTML 2Page - Wall Industries,Inc. DCQA100-12S24RH3 Datasheet HTML 3Page - Wall Industries,Inc. DCQA100-12S24RH3 Datasheet HTML 4Page - Wall Industries,Inc. DCQA100-12S24RH3 Datasheet HTML 5Page - Wall Industries,Inc. DCQA100-12S24RH3 Datasheet HTML 6Page - Wall Industries,Inc. DCQA100-12S24RH3 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev C
DCQA100 SERIES
Up to 108 Watts, Quarter-Brick DC/DC Converters
11/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 7
OUTPUT VOLTAGE ADJUSTMENT
Output is adjustable for 10% trim up or -20% trim down of nominal output voltage by connecting an external resistor between the TRIM
pin and either the +SENSE or -SENSE pins.
With an external resistor between the TRIM and -SENSE pin, the output voltage set decreases.
With an external resistor between the TRIM and +SENSE pin, the output voltage set point increases.
Maximum output deviation is +10% inclusive of remote sense. The external trim resistor needs to be at least 1/8 of rated powerThe value
of the external resistor can be obtained by the equations below.
Trim Up Equation
Trim Down Equation
TRIM UP
3.3V Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.630
RU (kΩ)
869.117
436.331
292.07
219.939
176.66
147.808
127.198
111.742
99.72
90.103
5V Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.45
5.50
RU (kΩ)
1585.35
797.994
535.542
404.316
325.58
273.09
235.596
207.479
185.605
168.109
12V Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
RU (kΩ)
4534.55
2287.19
1538.08
1163.52
938.78
788.956
681.939
601.676
539.25
489.309
15V Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
15.15
15.30
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
RU (kΩ)
5798.49
2925.42
1967.73
1488.89
1201.58
1010.04
873.229
770.619
690.812
626.966
24V Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
RU (kΩ)
9590.32
4840.11
3256.7
2465
1989.98
1673.3
1447.1
1277.45
1145.5
1039.94
30V Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
30.3
30.6
30.9
31.2
31.5
31.8
32.1
32.4
32.7
33
RU (kΩ)
12118.2
6116.57
4116.02
3115.74
2515.58
2115.47
1829.68
1615.33
1448.62
1315.25
48V Output Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
48.48
48.96
49.44
49.92
50.40
50.88
51.36
51.84
52.32
52.80
RU (kΩ)
19701.9
9945.94
6693.96
5067.97
4092.38
3441.99
2977.42
2628.99
2357.99
2141.19
TRIM DOWN
All Outputs
ΔV (%)
1
2
3
4
5
6
7
8
9
10
RD (kΩ)
500.78
245.28
160.113
117.53
91.98
74.947
62.78
53.655
46.558
40.88
ΔV (%)
11
12
13
14
15
16
17
18
19
20
RD (kΩ)
36.235
32.363
29.088
26.28
23.847
21.718
19.839
18.169
16.675
15.33
=
K
R
D
22
.
10
%
511
(
) (
)
+
+
=
K
V
R
OUT
U
%
%
22
.
10
511
%
225
.
1
%
100
11
.
5


Similar Part No. - DCQA100-12S24RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05 WALL-DCQA150-12S05 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05RH WALL-DCQA150-12S05RH Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05RH1 WALL-DCQA150-12S05RH1 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05RH2 WALL-DCQA150-12S05RH2 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQA100-12S24RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com