Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQA100-48S15RH3 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DCQA100-48S15RH3
Description  Up to 108 Watts, Quarter-Brick DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQA100-48S15RH3 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  DCQA100-48S15RH3 Datasheet HTML 1Page - Wall Industries,Inc. DCQA100-48S15RH3 Datasheet HTML 2Page - Wall Industries,Inc. DCQA100-48S15RH3 Datasheet HTML 3Page - Wall Industries,Inc. DCQA100-48S15RH3 Datasheet HTML 4Page - Wall Industries,Inc. DCQA100-48S15RH3 Datasheet HTML 5Page - Wall Industries,Inc. DCQA100-48S15RH3 Datasheet HTML 6Page - Wall Industries,Inc. DCQA100-48S15RH3 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev C
DCQA100 SERIES
Up to 108 Watts, Quarter-Brick DC/DC Converters
11/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
HEATSINK OPTIONS
Horizontal Fin Orientation (Suffix Option: H) 7G-0029B-F
Horizontal Fin Orientation (Suffix Option: H1) 7G-0030B-F
Vertical Fin Orientation (Suffix Option: H2) 7G-0031B-F
Vertical Fin Orientation (Suffix Option: H3) 7G-0032B-F
Note: Models with thru-hole inserts cannot be equipped with a heatsink
All dimensions in inch [mm]
Tolerance: x.xx±0.02 [x.x±0.5]
FUSE CONSIDERATION
This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone operation
to an integrated part of sophisticated power architecture.
To maximum flexibility, internal fusing is not included; however, to achieve maximum safety protection, always use an input
line fuse.
The input line fuse suggestions are below:
Model
Fuse Rating
Fuse Type
12VDC nominal input models
20A
Fast-Acting
24VDC nominal input models
10A
Fast-Acting
48VDC nominal input models
6.3A
Slow-Blow
The table is based on the information provided in this data sheet on inrush energy and maximum DC input current at low Vin.


Similar Part No. - DCQA100-48S15RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05 WALL-DCQA150-12S05 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05RH WALL-DCQA150-12S05RH Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05RH1 WALL-DCQA150-12S05RH1 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
DCQA150-12S05RH2 WALL-DCQA150-12S05RH2 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQA100-48S15RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com