Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQAW100-110S12RH3 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCQAW100-110S12RH3
Description  Up to 90 Watts, Quarter-Brick DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQAW100-110S12RH3 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCQAW100-110S12RH3 Datasheet HTML 1Page - Wall Industries,Inc. DCQAW100-110S12RH3 Datasheet HTML 2Page - Wall Industries,Inc. DCQAW100-110S12RH3 Datasheet HTML 3Page - Wall Industries,Inc. DCQAW100-110S12RH3 Datasheet HTML 4Page - Wall Industries,Inc. DCQAW100-110S12RH3 Datasheet HTML 5Page - Wall Industries,Inc. DCQAW100-110S12RH3 Datasheet HTML 6Page - Wall Industries,Inc. DCQAW100-110S12RH3 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev D
DCQAW100 SERIES
Up to 90 Watts, Quarter-Brick DC/DC Converters
09/18/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 7
SPECIFICATIONS: DCQAW100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Full Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Base-Plate Temperature
-40
+105
°C
Storage Temperature Range
-55
+125
°C
Thermal Impedance (See Note 6)
Vertical direction by natural
convection (20LFM)
Without Heatsink
9
°C/W
With 0.24” Height Heatsink
7.1
With 0.5” Height Heatsink
5.5
Mounted on 2U iron base-plate
2.8
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
MTBF
MIL-HDBK-217F, Full load
507,000 hours
PHYSICAL SPECIFICATIONS
Weight
2.26oz (64g)
Dimensions (L x W x H)
2.28in x 1.45in x 0.50in
(57.9mm x 36.8mm x 12.7 mm)
Case Material
Aluminum base-plate with plastic case
Potting Material
Silicon (UL94-V0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1, EN50155, EN45545-2
EMI (See Note 3)
EN55011, EN55032
Class A, Class B
ESD
EN61000-4-2
Air ±8kV
Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast Transient (See Note 4)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (See Note 4)
EN61000-4-5
EN55024: ±2kV
Perf. Criteria A
EN50155: ±2kV
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous; 1000A/m 1 sec
Perf. Criteria A
CHARACTERISTIC CURVES
DCQAW100-24S05 Derating Curve
DCQAW100-24S05 Derating Curve w/ 0.24”
Heatsink
DCQAW100-24S05 Derating Curve w/ 0.5”
Heatsink
DCQAW100-24S05
Efficiency vs Input Voltage
DCQAW100-24S05
Efficiency vs Output Load


Similar Part No. - DCQAW100-110S12RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05 WALL-DCQAW150-110S05 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05RH WALL-DCQAW150-110S05RH Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05RH1 WALL-DCQAW150-110S05RH1 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQAW150-110S05RH2 WALL-DCQAW150-110S05RH2 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
More results

Similar Description - DCQAW100-110S12RH3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
   Up to 132 Watts Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com