Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCQAW150-110S48RH2 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DCQAW150-110S48RH2
Description  Up to 132 Watts Quarter-Brick DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQAW150-110S48RH2 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  DCQAW150-110S48RH2 Datasheet HTML 1Page - Wall Industries,Inc. DCQAW150-110S48RH2 Datasheet HTML 2Page - Wall Industries,Inc. DCQAW150-110S48RH2 Datasheet HTML 3Page - Wall Industries,Inc. DCQAW150-110S48RH2 Datasheet HTML 4Page - Wall Industries,Inc. DCQAW150-110S48RH2 Datasheet HTML 5Page - Wall Industries,Inc. DCQAW150-110S48RH2 Datasheet HTML 6Page - Wall Industries,Inc. DCQAW150-110S48RH2 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev D
DCQAW150 SERIES
Up to 132 Watts
Quarter-Brick DC/DC Converters
09/19/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
HEATSINK OPTIONS
Horizontal Fin Orientation (Suffix Options: H) 7G-0029B-F
Horizontal Fin Orientation (Suffix Options: H, H1) 7G-0030B-F
Vertical Fin Orientation (Suffix Options: H2) 7G-0031B-F
Vertical Fin Orientation (Suffix Options: H3) 7G-0032B-F
Note: Models with thru-hole inserts cannot be equipped with a heatsink
All dimensions in inch [mm]
Tolerance: x.xx±0.02 [x.x±0.5]
THERMAL CONSIDERATIONS
The power module operates in a variety of thermal environments.
However, sufficient cooling should be provided to help ensure reliable operation of the unit.
Heat is removed by condition, convection, and radiation to the surrounding environment.
Proper cooling can be verified by measuring the point in the figure below.
The temperature at this location should not exceed 105ºC.
When operating, adequate cooling must be provided to maintain the test point temperature at or below 105ºC
Although maximum point temperature of the power modules is 105ºC, you can limit this temperature to a lower value for extremely high reliability.
■ Thermal test condition with vertical direction by natural convection (20LFM)
■ The iron base-plate dimension is 19” x 3.5” x 0.063” (the height is EIA standard 2U)
■ The heat-sink is option and P/N: 7G-0029B-F, 7G-0030B-F, 7G-0031B-F, 7G-0032B-F
BASE PLATE


Similar Part No. - DCQAW150-110S48RH2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCQAW100-110S05 WALL-DCQAW100-110S05 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCQAW100-110S05RH WALL-DCQAW100-110S05RH Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCQAW100-110S05RH1 WALL-DCQAW100-110S05RH1 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
DCQAW100-110S05RH2 WALL-DCQAW100-110S05RH2 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - DCQAW150-110S48RH2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCQA150 WALL-DCQA150 Datasheet
666Kb / 8P
   Up to 150 Watts, Quarter-Brick DC/DC Converters
MPQ WALL-MPQ Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
DCQA100 WALL-DCQA100 Datasheet
667Kb / 7P
   Up to 108 Watts, Quarter-Brick DC/DC Converters
DCQAW100 WALL-DCQAW100 Datasheet
768Kb / 7P
   Up to 90 Watts, Quarter-Brick DC/DC Converters
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
   Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com