Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5435A-032 Datasheet(PDF) 7 Page - Keysight Technologies

Part # N5435A-032
Description  Infiniium V-Series Oscilloscopes
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5435A-032 Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N5435A-032 Datasheet HTML 3Page - Keysight Technologies N5435A-032 Datasheet HTML 4Page - Keysight Technologies N5435A-032 Datasheet HTML 5Page - Keysight Technologies N5435A-032 Datasheet HTML 6Page - Keysight Technologies N5435A-032 Datasheet HTML 7Page - Keysight Technologies N5435A-032 Datasheet HTML 8Page - Keysight Technologies N5435A-032 Datasheet HTML 9Page - Keysight Technologies N5435A-032 Datasheet HTML 10Page - Keysight Technologies N5435A-032 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
07 | Keysight | Infiniium V-Series Oscilloscopes - Data Sheet
New industrial design and front panel layout
that enhances user experience and operation
of the oscilloscope�
Save Screen button provides quick access to
capture oscilloscope waveform and analysis
screenshots�
Customizable multipurpose key allows
you to customize its function to make your
favorite measurements, execute a script, save
waveforms or load a setup�
Access the marker and change the positions
quickly through the dedicated marker
controls�
Quick access to fine control by pressing the
horizontal and vertical knobs�
Five USB 3�0 host and device ports at the
front and back panel for data offload speed�
Additional USB 2�0 ports provide connectivity
to your USB keyboard, mouse and other
peripherals�
Standard 500 GB removable solid state drive
improves processing speed and enhances
data security� 1 TB storage option is available�
Threaded 3�5 mm RF connectors with
convenient torque mechanism ensures the most
reliable signal integrity and consistent 8 in� lbs�
connection� The AutoProbe II interface provides
a robust interface for the InfiniiMax III and III+
probing system�
External 10-MHz reference clock input and
output for precise timebase synchronization
with more than one oscilloscope, RF
instruments or logic analyzers�


Similar Part No. - N5435A-032

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5435A-003 KEYSIGHT-N5435A-003 Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
N5435A-022 KEYSIGHT-N5435A-022 Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
N5435A-085 KEYSIGHT-N5435A-085 Datasheet
2Mb / 11P
   MultiScope Application
N5435A-086 KEYSIGHT-N5435A-086 Datasheet
2Mb / 11P
   MultiScope Application
N5435A-090 KEYSIGHT-N5435A-090 Datasheet
2Mb / 11P
   MultiScope Application
More results

Similar Description - N5435A-032

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com